Electronic Components Datasheet Search
  English  ▼

X  

CY23FS04ZCT Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY23FS04ZCT
Description  Failsafe 2.5V/ 3.3V Zero Delay Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY23FS04ZCT Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY23FS04ZCT Datasheet HTML 1Page - Cypress Semiconductor CY23FS04ZCT Datasheet HTML 2Page - Cypress Semiconductor CY23FS04ZCT Datasheet HTML 3Page - Cypress Semiconductor CY23FS04ZCT Datasheet HTML 4Page - Cypress Semiconductor CY23FS04ZCT Datasheet HTML 5Page - Cypress Semiconductor CY23FS04ZCT Datasheet HTML 6Page - Cypress Semiconductor CY23FS04ZCT Datasheet HTML 7Page - Cypress Semiconductor CY23FS04ZCT Datasheet HTML 8Page - Cypress Semiconductor CY23FS04ZCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CY23FS04
Document #: 38-07304 Rev. *B
Page 5 of 12
RE F 1
RE F 2
RE F S E L
0 m s
1.4 m s
0 de g
-1 8 0 d e g
0 m s
Figure 6. Sample Timing of Muxing Between Two Reference Clocks 180°C Out of Phase and
Resulting Output Phase Offset Typical Settling Time (105 MHz)
0 ms
1.4 ms
0
190 fs/cy
190 fsec/cycle = 0.125 mradian/cycle
Figure 7. Resulting Output dphase/Cycle Typical Rate of Change (105 MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com