Electronic Components Datasheet Search
  English  ▼

X  

IAP-620 Datasheet(PDF) 4 Page - ORing Industrial Networking Corp

Part # IAP-620
Description  Industrial IEEE 802.11 a/b/g/n wireless access
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IAP-620 Datasheet(HTML) 4 Page - ORing Industrial Networking Corp

  IAP-620 Datasheet HTML 1Page - ORing Industrial Networking Corp IAP-620 Datasheet HTML 2Page - ORing Industrial Networking Corp IAP-620 Datasheet HTML 3Page - ORing Industrial Networking Corp IAP-620 Datasheet HTML 4Page - ORing Industrial Networking Corp IAP-620 Datasheet HTML 5Page - ORing Industrial Networking Corp IAP-620 Datasheet HTML 6Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
* All specifications are subject to change without notice.
Designed for Rugged Excellence
5.180~5.240 GHz ( 4 channels )
Japan(JP):
2.412~2.484 GHz ( 13 channels )
5.180~5.240 GHz ( 4 channels )
Canada(CA):
2.412~2.462 GHz ( 11 channels )
5.180~5.825 GHz ( 21 channels )
Transmission Rate
802.11b: 1/2/5.5/11 Mbps
802.11a/g: 6/9/12/18/24/36/48/54 Mbps
802.11n(40MHz): UP to 300 Mbps
Transmit Power
802.11a: 13dBm ±1.5dBm
802.11b: 16dBm ±1.5dBm
802.11g: 14dBm ±1.5dBm
802.11n(2.4G@20MHz): 13dBm ±1.5dBm
802.11n(2.4G@40MHz): 12dBm ±1.5dBm
802.11n(5G@20MHz): 12dBm ±1.5dBm
802.11n(5G@40MHz): 12dBm ±1.5dBm
Receiver Sensitivity
802.11a: -68dBm ±2dBm@54Mbps
802.11b: -82dBm ±2dBm@11Mbps
802.11g: -68dBm ±2dBm@54Mbps
802.11n(2.4G@20MHz,MCS15): -64dBm ±2dBm
802.11n(2.4G@40MHz,MCS15): -60dBm ±2dBm
802.11n(5G@20MHz,MCS15): -64dBm ±2dBm
802.11n(5G@40MHz,MCS15): -60dBm ±2dBm
Encryption Security
WEP: (64-bit, 128-bit key supported)
WPA/WPA2:802.11i (WEP and AES encryption)
WPA-PSK (256-bit key pre-shared key supported)
802.1X Authentication supported
TKIP encryption
Wireless Security
SSID
broadcast disable and enable
Protocol Support
Protocol
ARP,BOOTP, DHCP, DNS, HTTP, IP, ICMP, SNTP, TCP, UDP, 802.1X, SNMP, STP
LED indicators
Power indicator
PWR 1(2)(PoE) / Ready:
Red On: Power is on and booting up.
Green On: Power is on and functioning Normally.
10/100Base-T(X) RJ45 port
indicator
Green for port Link/Act at 100Mbps. Amber for port Link/Act at 10Mbps.
WLAN LEDs
WLAN Link /ACT: Green: Link, Orange: Poor signal
Green for WLAN Strength: 1<25%, 2<50%, 3<75%, 4<100%
Fault
Red: Ethernet link down or power down
Fault contact
Relay
Relay output to carry capacity of 1A at 24VDC
Power
Redundant Input power
Dual DC inputs. 12~48VDC on 6-pin terminal block
Power consumption (Typ.)
6 Watts
Overload current protection
Present
Reverse polarity protection
Present
Physical Characteristic
Enclosure
IP-30



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com