Electronic Components Datasheet Search
  English  ▼

X  

IGAP-420 Datasheet(PDF) 6 Page - ORing Industrial Networking Corp

Part # IGAP-420
Description  Industrial IEEE 802.11 b/g/n wireless access point
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IGAP-420 Datasheet(HTML) 6 Page - ORing Industrial Networking Corp

  IGAP-420 Datasheet HTML 1Page - ORing Industrial Networking Corp IGAP-420 Datasheet HTML 2Page - ORing Industrial Networking Corp IGAP-420 Datasheet HTML 3Page - ORing Industrial Networking Corp IGAP-420 Datasheet HTML 4Page - ORing Industrial Networking Corp IGAP-420 Datasheet HTML 5Page - ORing Industrial Networking Corp IGAP-420 Datasheet HTML 6Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
* All specifications are subject to change without notice.
Designed for Rugged Excellence
Ordering Information
IGAP-AB0C
Code Definition
Wireless Mode
10/100/1000Base-T(X) Port Number
PoE Identification
Option
- 1: 802.11 b/g
- 2: 802.11 a
- 3: 802.11 a/b/g
- 4: 802.11 b/g/n
- 5: 802.11 a/n
- 6: 802.11 a/b/g/n
-"2": 2 ports
-"+": PoE P.D. present at ETH2
Available
Model
Model Name
Description
IGAP-420_US
Industrial IEEE 802.11 b/g/n wireless access point with 2x10/100/1000
Base-T(X), US band
IGAP-420_EU
Industrial IEEE 802.11 b/g/n wireless access point with 2x10/100/1000
Base-T(X), EU band
IGAP-420+_US
Industrial IEEE 802.11 b/g/n wireless access point with 2x10/100/1000
Base-T(X), 1 port PoE P.D, US band
IGAP-420+_EU
Industrial IEEE 802.11 b/g/n wireless access point with 2x10/100/1000
Base-T(X), 1 port PoE P.D, EU band
Packing List
O
Optional Accessories
O
IGAP-420/IGAP-420+ x 1
Antenna x 2
6-Pin Terminal Block x 1
Quick Installation Guide x 1
Wall-Mount Kit x 2
Dust Cover x 2
CD x 1
Din-Rail Kit x 1
5-Pin Terminal Block x 2
DR-45 series : 45 Watts power supply
DR-120 series : 120 Watts power supply
RF Antenna Base (Magnetic) series
DR-75 series : 75 Watts power supply
WLAN RF Antenna (Omni-directional) series
RF Cable series



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com