Electronic Components Datasheet Search
  English  ▼

X  

IGAP-620 Datasheet(PDF) 1 Page - ORing Industrial Networking Corp

Part # IGAP-620
Description  Industrial IEEE 802.11 a/b/g/n wireless access point
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IGAP-620 Datasheet(HTML) 1 Page - ORing Industrial Networking Corp

  IGAP-620 Datasheet HTML 1Page - ORing Industrial Networking Corp IGAP-620 Datasheet HTML 2Page - ORing Industrial Networking Corp IGAP-620 Datasheet HTML 3Page - ORing Industrial Networking Corp IGAP-620 Datasheet HTML 4Page - ORing Industrial Networking Corp IGAP-620 Datasheet HTML 5Page - ORing Industrial Networking Corp IGAP-620 Datasheet HTML 6Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
* All specifications are subject to change without notice.
Designed for Rugged Excellence
V1.0
Introduction
Features
High Speed Air Connectivity: WLAN interface support up to
300Mbps link speed
Highly Security Capability: WEP/WPA/WPA-PSK(TKIP,AES)/
WPA2/WPA2-PSK(TKIP,AES)/802.1X Authentication supported
Support X-Roaming < 60 ms
Support wireless load balance
Support MAC Filter
Support Long Distance Air Connectivity
Provide Digital Input and Digital Output
Support AP/Bridge/Repeater/AP-Client Mode
Support Multiple-SSID to 4 SSID
Switch Mode Supported: Daisy Chain support to reduce usage of
switch ports
Dual redundant Ethernet port support redundant mode
Wireless connecting status monitoring
Secured Management by HTTPS
Event Warning by Syslog, Email, SNMP Trap, Relay and Beeper
Rigid IP-30 housing design
DIN-Rail and Wall-mount enabled
IGAP-620 series is a reliable WLAN Access Point with 2 Ethernet Gigabit ports and IEEE 802.11 a/b/g/n wireless module.
It can be configured to operate in AP/Bridge/Repeater/AP-Client mode. You are able to configure IGAP-620 / IGAP-620+
by WEB interface via LAN port or WLAN interface. IGAP-620 series provides dual Ethernet ports in switch mode, so that
you can use Daisy Chain to reduce the usage of Ethernet switch ports. In addition, IGAP-620+ also provides P.D. feature
on ETH2 port which is fully compliant with IEEE802.3af PoE P.D. specification. Therefore, IGAP-620 series is one of the
best communication solutions for wireless applications on the industrial network.
IGAP-620 / IGAP-620+
Industrial IEEE 802.11 a/b/g/n wireless access
point with 2x10/100/1000Base-T(X)


Similar Part No. - IGAP-620

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGAP-6620 ORING-IGAP-6620 Datasheet
378Kb / 5P
Industrial Dual RF in IEEE 802.11 a/b/g/n Wireless Access Point
More results

Similar Description - IGAP-620

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-6311G ADVANTECH-EKI-6311G Datasheet
515Kb / 1P
802.11 b/g Wireless Access Point/Client Bridge
logo
ORing Industrial Networ...
IAP-420 ORING-IAP-420 Datasheet
291Kb / 5P
Industrial IEEE 802.11 b/g/n wireless access point
IAP-620 ORING-IAP-620 Datasheet
1Mb / 6P
Industrial IEEE 802.11 a/b/g/n wireless access
IAP-W420 ORING-IAP-W420 Datasheet
412Kb / 4P
Industrial outdoor IEEE 802.11 b/g/n wireless access point
IAP-W520 ORING-IAP-W520 Datasheet
420Kb / 4P
Industrial outdoor IEEE 802.11 a/n wireless access point
IGAP-420 ORING-IGAP-420 Datasheet
858Kb / 6P
Industrial IEEE 802.11 b/g/n wireless access point
IGAP-820 ORING-IGAP-820 Datasheet
344Kb / 5P
Industrial IEEE 802.11 ac/g/n wireless access point
IGAP-6620 ORING-IGAP-6620 Datasheet
378Kb / 5P
Industrial Dual RF in IEEE 802.11 a/b/g/n Wireless Access Point
TGAP-620 ORING-TGAP-620 Datasheet
469Kb / 6P
Industrial EN50155 IEEE 802.11 a/b/g/n wireless access point
logo
Advantech Co., Ltd.
EKI-6333AC-2GD ADVANTECH-EKI-6333AC-2GD Datasheet
393Kb / 2P
IEEE 802.11 a/b/g/n/ac Wi-Fi Access Point
27-Jun-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com