Electronic Components Datasheet Search
  English  ▼

X  

IGAP-820 Datasheet(PDF) 1 Page - ORing Industrial Networking Corp

Part # IGAP-820
Description  Industrial IEEE 802.11 ac/g/n wireless access point
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IGAP-820 Datasheet(HTML) 1 Page - ORing Industrial Networking Corp

  IGAP-820 Datasheet HTML 1Page - ORing Industrial Networking Corp IGAP-820 Datasheet HTML 2Page - ORing Industrial Networking Corp IGAP-820 Datasheet HTML 3Page - ORing Industrial Networking Corp IGAP-820 Datasheet HTML 4Page - ORing Industrial Networking Corp IGAP-820 Datasheet HTML 5Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
* All specifications are subject to change without notice.
Designed for Rugged Excellence
V1.0
Introduction
Features
High Speed Air Connectivity: WLAN interface support up to
1.3Gbps link speed
Highly Security Capability: WEP/WPA/WPA-PSK(TKIP,AES)/
WPA2/WPA2-PSK(TKIP,AES)/802.1X Authentication supported
Support X-Roaming < 60 ms
Support wireless load balance
Support MAC Filter
Support Long Distance Air Connectivity
Provide Digital Input and Digital Output
Support AP/Client Mode
Support Multiple-SSID to 4 SSID
Switch Mode Supported: Daisy Chain support to reduce usage of
switch ports
Wireless connecting status monitoring
Secured Management by HTTPS
Event Warning by Syslog, Email, SNMP Trap, Relay and Beeper
Rigid IP-30 housing design
DIN-Rail and Wall-mount enabled
IGAP-820 series is a reliable WLAN Access Point with 2 Ethernet Gigabit ports and IEEE 802.11 ac/g/n wireless module.
It can be configured to operate in AP/Client mode. You are able to configure IGAP-820 / IGAP-820+ by WEB interface via
LAN port or WLAN interface. IGAP-820 series provides dual Ethernet ports in switch mode, so that you can use Daisy
Chain to reduce the usage of Ethernet switch ports. In addition, IGAP-820+ also provides P.D. feature on ETH2 port which
is fully compliant with IEEE802.3af PoE P.D. specification. Therefore, IGAP-820 series is one of the best communication
solutions for wireless applications on the industrial network.
IGAP-820 / IGAP-820+
Industrial IEEE 802.11 ac/g/n wireless access
point with 2x10/100/1000Base-T(X)


Similar Part No. - IGAP-820

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGAP-420 ORING-IGAP-420 Datasheet
858Kb / 6P
Industrial IEEE 802.11 b/g/n wireless access point
IGAP-620 ORING-IGAP-620 Datasheet
656Kb / 6P
Industrial IEEE 802.11 a/b/g/n wireless access point
IGAP-6620 ORING-IGAP-6620 Datasheet
378Kb / 5P
Industrial Dual RF in IEEE 802.11 a/b/g/n Wireless Access Point
More results

Similar Description - IGAP-820

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-6311G ADVANTECH-EKI-6311G Datasheet
515Kb / 1P
802.11 b/g Wireless Access Point/Client Bridge
logo
ORing Industrial Networ...
IAP-420 ORING-IAP-420 Datasheet
291Kb / 5P
Industrial IEEE 802.11 b/g/n wireless access point
IAP-620 ORING-IAP-620 Datasheet
1Mb / 6P
Industrial IEEE 802.11 a/b/g/n wireless access
IAP-W420 ORING-IAP-W420 Datasheet
412Kb / 4P
Industrial outdoor IEEE 802.11 b/g/n wireless access point
IAP-W520 ORING-IAP-W520 Datasheet
420Kb / 4P
Industrial outdoor IEEE 802.11 a/n wireless access point
IGAP-420 ORING-IGAP-420 Datasheet
858Kb / 6P
Industrial IEEE 802.11 b/g/n wireless access point
IGAP-620 ORING-IGAP-620 Datasheet
656Kb / 6P
Industrial IEEE 802.11 a/b/g/n wireless access point
IGAP-6620 ORING-IGAP-6620 Datasheet
378Kb / 5P
Industrial Dual RF in IEEE 802.11 a/b/g/n Wireless Access Point
TGAP-620 ORING-TGAP-620 Datasheet
469Kb / 6P
Industrial EN50155 IEEE 802.11 a/b/g/n wireless access point
logo
Advantech Co., Ltd.
EKI-6333AC-2GD ADVANTECH-EKI-6333AC-2GD Datasheet
393Kb / 2P
IEEE 802.11 a/b/g/n/ac Wi-Fi Access Point
27-Jun-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com