Electronic Components Datasheet Search
  English  ▼

X  

TGAP-620 Datasheet(PDF) 1 Page - ORing Industrial Networking Corp

Part # TGAP-620
Description  Industrial EN50155 IEEE 802.11 a/b/g/n wireless access point
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

TGAP-620 Datasheet(HTML) 1 Page - ORing Industrial Networking Corp

  TGAP-620 Datasheet HTML 1Page - ORing Industrial Networking Corp TGAP-620 Datasheet HTML 2Page - ORing Industrial Networking Corp TGAP-620 Datasheet HTML 3Page - ORing Industrial Networking Corp TGAP-620 Datasheet HTML 4Page - ORing Industrial Networking Corp TGAP-620 Datasheet HTML 5Page - ORing Industrial Networking Corp TGAP-620 Datasheet HTML 6Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
* All specifications are subject to change without notice.
Designed for Rugged Excellence
Introduction
Features
Leading EN50155-compliant wireless access point for rolling stock
application
High Speed Air Connectivity: WLAN interface support up to 300
Mbps link speed
Highly Security Capability: WEP/WPA/WPA-PSK(TKIP,AES)/
WPA2/WPA2-PSK(TKIP,AES)/802.1X Authentication supported
Support X-Roaming < 60ms
Support external SMA antenna installation
Support AP/Client /Bridge /AP-Client Mode
Support Multiple-SSID to 4 SSID
Support MAC Filter
Dual Gigabit Ethernet ports support Ethernet redundant mode
(Recovery time < 10ms) and switch mode in M12 connector
(A-coding)
Wireless connecting status monitoring
1KV isolation for PoE P.D. port for TGAP-620+-M12
Secured Management by HTTPS
Event Warning by Syslog, Email, SNMP Trap, and Relay output
Rigid IP-40 housing design
Wall-mount enabled
ORing’s TransporterTM series access point is designed for industrial and rolling stock wireless applications,
such as vehicle, and railway applications. TGAP-620-M12 is a reliable 802.11 a/b/g/n WLAN Access Point with 2
Ethernet 10/100/1000 ports. It can be configured to operate in AP/Client /Bridge /AP-Client Mode.
TGAP-620-M12 provides dual Ethernet ports in switch mode, so that you can use Daisy Chain to reduce the usage
of Ethernet switch ports. TGAP-620-M12 provides a dust-tight connection and reverses SMA-type connectors
that can install any reverse SMA-type antennas to extend communication distance. It is specifically designed
for the toughest industrial environments. You are able to configure TGAP-620-M12 by WEB interface via LAN
port or WLAN interface.
TGAP-620-M12 can be easily adopted in almost all kinds of applications and provides
the most rugged solutions for managing your network in outdoor. In addition, TGAP-620+-M12 also provides P.D.
TGAP-620-M12 Series
Industrial EN50155 IEEE 802.11 a/b/g/n wireless access point
with 2x10/100/1000Base-T(X), M12 connector


Similar Part No. - TGAP-620

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
TGAP-6620 ORING-TGAP-6620 Datasheet
484Kb / 6P
Industrial EN50155 Dual RF in IEEE 802.11 a/b/g/n Wireless AP
More results

Similar Description - TGAP-620

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IAP-420 ORING-IAP-420 Datasheet
291Kb / 5P
Industrial IEEE 802.11 b/g/n wireless access point
IAP-620 ORING-IAP-620 Datasheet
1Mb / 6P
Industrial IEEE 802.11 a/b/g/n wireless access
IAP-W420 ORING-IAP-W420 Datasheet
412Kb / 4P
Industrial outdoor IEEE 802.11 b/g/n wireless access point
IAP-W520 ORING-IAP-W520 Datasheet
420Kb / 4P
Industrial outdoor IEEE 802.11 a/n wireless access point
IGAP-420 ORING-IGAP-420 Datasheet
858Kb / 6P
Industrial IEEE 802.11 b/g/n wireless access point
IGAP-620 ORING-IGAP-620 Datasheet
656Kb / 6P
Industrial IEEE 802.11 a/b/g/n wireless access point
IGAP-820 ORING-IGAP-820 Datasheet
344Kb / 5P
Industrial IEEE 802.11 ac/g/n wireless access point
IGAP-6620 ORING-IGAP-6620 Datasheet
378Kb / 5P
Industrial Dual RF in IEEE 802.11 a/b/g/n Wireless Access Point
TGAP-6620 ORING-TGAP-6620 Datasheet
484Kb / 6P
Industrial EN50155 Dual RF in IEEE 802.11 a/b/g/n Wireless AP
TGAP-W610 ORING-TGAP-W610 Datasheet
521Kb / 5P
Industrial EN50155 IEEE 802.11 a/b/g/n AP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com