Electronic Components Datasheet Search
  English  ▼

X  

EL2270CS Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL2270CS
Description  70MHz/1mA Current Mode Feedback Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2270CS Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL2270CS Datasheet HTML 6Page - Intersil Corporation EL2270CS Datasheet HTML 7Page - Intersil Corporation EL2270CS Datasheet HTML 8Page - Intersil Corporation EL2270CS Datasheet HTML 9Page - Intersil Corporation EL2270CS Datasheet HTML 10Page - Intersil Corporation EL2270CS Datasheet HTML 11Page - Intersil Corporation EL2270CS Datasheet HTML 12Page - Intersil Corporation EL2270CS Datasheet HTML 13Page - Intersil Corporation EL2270CS Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
Driving Cables and Capacitive Loads
When used as a cable driver, double termination is always
recommended for reflection-free performance. For those
applications, the back-termination series resistor will
decouple the EL2170, EL2270, and EL2470 from the cable
and allow extensive capacitive drive. However, other
applications may have high capacitive loads without a back-
termination resistor. In these applications, a small series
resistor (usually between 5
Ω and 50Ω) can be placed in
series with the output to eliminate most peaking. The gain
resistor (RG) can then be chosen to make up for any gain
loss which may be created by this additional resistor at the
output. In many cases it is also possible to simply increase
the value of the feedback resistor (RF) to reduce the
peaking.
Current Limiting
The EL2170, EL2270, and EL2470 have no internal current-
limiting circuitry. If any output is shorted, it is possible to
exceed the Absolute Maximum Ratings for output current or
power dissipation, potentially resulting in the destruction of
the device.
Power Dissipation
With the high output drive capability of the EL2170, EL2270,
and EL2470, it is possible to exceed the 150°C Absolute
Maximum junction temperature under certain very high load
current conditions. Generally speaking, when RL falls below
about 25
Ω, it is important to calculate the maximum junction
temperature (TJMAX) for the application to determine if
power-supply voltages, load conditions, or package type
need to be modified for the EL2170, EL2270, and EL2470 to
remain in the safe operating area. These parameters are
calculated as follows [1]:
where:
TMAX = Maximum ambient temperature
θJA = Thermal resistance of the package
n = Number of amplifiers in the package
PDMAX = Maximum power dissipation of each amplifier in
the package
PDMAX for each amplifier can be calculated as follows [2]:
where:
VS = Supply voltage
ISMAX = Maximum supply current of 1 amplifier
VOUTMAX = Maximum output voltage of the application
RL = Load resistance
Typical Application Circuits
T
JMAX
T
MAX
Θ
JA
nPD
MAX
×
×
()
+
=
PD
MAX
2
(
V
S
I
SMAX )
V
S
(
- V
OUTMAX )
V
OUTMAX
R
L
----------------------------
×
+
×
×
=
INVERTING 200mA OUTPUT CURRENT
DISTRIBUTION AMPLIFIER
FAST-SETTLING PRECISION AMPLIFIER
EL2170, EL2270, EL2470



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com