Electronic Components Datasheet Search
  English  ▼

X  

GWKAGLB3.DM Datasheet(PDF) 9 Page - OSRAM GmbH

Part # GWKAGLB3.DM
Description  Indoor General Lighting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWKAGLB3.DM Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button GWKAGLB3.DM Datasheet HTML 5Page - OSRAM GmbH GWKAGLB3.DM Datasheet HTML 6Page - OSRAM GmbH GWKAGLB3.DM Datasheet HTML 7Page - OSRAM GmbH GWKAGLB3.DM Datasheet HTML 8Page - OSRAM GmbH GWKAGLB3.DM Datasheet HTML 9Page - OSRAM GmbH GWKAGLB3.DM Datasheet HTML 10Page - OSRAM GmbH GWKAGLB3.DM Datasheet HTML 11Page - OSRAM GmbH GWKAGLB3.DM Datasheet HTML 12Page - OSRAM GmbH GWKAGLB3.DM Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Version 1.0
GW KAGLB3.DM
2016-05-06
9
Forward Current 5) page 17 , 7) page 17
Durchlassstrom 5) Seite 17 , 7) Seite 17
IF = f (VF); TS = 85 °C
Relative Luminous Flux 5) page 17 , 7) page 17
Relativer Lichtstrom 5) Seite 17 , 7) Seite 17
ΦV/ΦV(600 mA) = f(IF); TS = 85 °C
Chromaticity Coordinate Shift 5) page 17
Farbortverschiebung 5) Seite 17
ΔCx, ΔCy = f(IF); TS = 85 °C
GW KAGLB3.DM
31
32
34
36
38
VF [V]
60
1380
200
400
600
800
1000
1200
IF [mA]
GW KAGLB3.DM
60
13
80
20
0
40
0
60
0
80
0
10
00
12
00
IF [mA]
0,0
0,5
1,0
1,5
2,0
Φ
V
Φ
V(600mA)
GW KAGLB3.DM
60
13
80
20
0
40
0
60
0
80
0
10
00
12
00
IF [mA]
-0,02
-0,01
0,00
0,01
0,02
∆Cx
∆Cy
:
∆ Cx -
:
∆ Cy -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com