Electronic Components Datasheet Search
  English  ▼

X  

GWT3LSF1.EM Datasheet(PDF) 4 Page - OSRAM GmbH

Part # GWT3LSF1.EM
Description  Omnidirectional retrofits
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWT3LSF1.EM Datasheet(HTML) 4 Page - OSRAM GmbH

  GWT3LSF1.EM Datasheet HTML 1Page - OSRAM GmbH GWT3LSF1.EM Datasheet HTML 2Page - OSRAM GmbH GWT3LSF1.EM Datasheet HTML 3Page - OSRAM GmbH GWT3LSF1.EM Datasheet HTML 4Page - OSRAM GmbH GWT3LSF1.EM Datasheet HTML 5Page - OSRAM GmbH GWT3LSF1.EM Datasheet HTML 6Page - OSRAM GmbH GWT3LSF1.EM Datasheet HTML 7Page - OSRAM GmbH GWT3LSF1.EM Datasheet HTML 8Page - OSRAM GmbH GWT3LSF1.EM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
2016-07-19
4
Version 1.4
GW T3LSF1.EM
Characteristics (TA = 25 °C; IF = 10 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
2ϕ
360
°
Forward voltage
Durchlassspannung
(min.)
(typ.)
(max.)
VF
VF
VF
86
92
96
V
V
V
Color rendering index
Farbwiedergabe Index
(2200K - 4000K)
(min.)
Ra
80
-
R
R
50
60
K/W
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite
(typ.)
(max.)
5
) Seite 17
5
) page 17
Electrical" thermal resistance junction / ambient
(Helium Condition)
"Elektrischer" Wärmewiderstand Sperrschicht / Umgebung
(Helium-Zustand)
th JA elec
th JA elec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com