Electronic Components Datasheet Search
  English  ▼

X  

IS341W Datasheet(PDF) 3 Page - ISOCOM COMPONENTS

Part # IS341W
Description  IGBT/MOSFET Gate Drive
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

IS341W Datasheet(HTML) 3 Page - ISOCOM COMPONENTS

  IS341W Datasheet HTML 1Page - ISOCOM COMPONENTS IS341W Datasheet HTML 2Page - ISOCOM COMPONENTS IS341W Datasheet HTML 3Page - ISOCOM COMPONENTS IS341W Datasheet HTML 4Page - ISOCOM COMPONENTS IS341W Datasheet HTML 5Page - ISOCOM COMPONENTS IS341W Datasheet HTML 6Page - ISOCOM COMPONENTS IS341W Datasheet HTML 7Page - ISOCOM COMPONENTS IS341W Datasheet HTML 8Page - ISOCOM COMPONENTS IS341W Datasheet HTML 9Page - ISOCOM COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3 17/01/2017
IS341W
ISOCOM
COMPONENTS
DD93205
ELECTRICAL CHARACTERISTICS (Typical Values at V
CC ̶ VEE = 30V and TA = 25°C,
Minimum and Maximum Values at Recommended Operating Conditions,
unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward Voltage
VF
IF = 10mA
1.2
1.37
1.8
V
Forward Voltage
Temperature
Coefficient
ΔVF/ΔT
IF = 10mA
̶ 1.237
mV/°C
Reverse Voltage
VR
IR = 10μA
5
V
Input Threshold Current
(Low to High)
IFLH
VCC = 30V
VO > 5V
1.8
5
mA
Input Threshold Voltage
(High to Low)
VFHL
VCC = 30V
VO < 5V
0.8
V
Input Capacitance
CIN
VF = 0V, f = 1MHz
33
pF
INPUT
Parameter
Symbol
Test Condition
Min
Typ.
Max
Unit
High Level
Supply Current
ICCH
IF = 10mA, VCC = 30V
VO = Open
2.4
3.5
mA
Low Level
Supply Current
ICCL
IF = 0mA, VCC = 30V
VO = Open
2.5
3.5
mA
High Level
Output Current
IOH
VO = VCC – 1.5V
Pulse Width = 50μs
̶ 1.0
A
VO = VCC – 4V
Pulse Width = 10μs
̶ 2.5
Low Level
Output Current
IOL
VO = VEE + 1.5V
Pulse Width = 50μs
1.0
A
VO = VEE + 4V
Pulse Width = 10μs
2.5
High Level
Output Voltage
VOH
IF = 10mA, IO = -100mA
VCC ̶ 0.3 VCC ̶ 0.1
V
Low Level
Output Voltage
VOL
IF = 0mA, IO = 100mA
VEE + 0.1 VEE +0.25
V
UVLO Threshold
VUVLO+
VO > 5V, IF = 10mA
11.0
12.7
13.5
V
VUVLO-
VO < 5V, IF = 10mA
9.5
11.2
12.0
V
UVLO Hysteresis
UVLOHYS
1.5
V
OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com