Electronic Components Datasheet Search
  English  ▼

X  

MOCD207 Datasheet(PDF) 2 Page - ISOCOM COMPONENTS

Part # MOCD207
Description  Super Small Outline
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

MOCD207 Datasheet(HTML) 2 Page - ISOCOM COMPONENTS

  MOCD207 Datasheet HTML 1Page - ISOCOM COMPONENTS MOCD207 Datasheet HTML 2Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ABSOLUTEMAXIMUMRATINGS
(25°C unless otherwise specified)
Storage Temperature
-55°C to + 150°C
Operating Temperature
-55°C to + 110°C
INPUTDIODE
Forward Current
60mA
Reverse Voltage
6V
Power Dissipation
90mW
OUTPUTTRANSISTOR
Collector-emitter Voltage BV
CEO
80V
Emitter-collector Voltage BV
ECO
7V
Collector Current
50mA
Power Dissipation
150mW
POWERDISSIPATION
Total Power Dissipation
250mW
DC93131
PARAMETER
MIN TYP MAX UNITS
TEST CONDITION
Input
Forward Voltage (V
F)
1.2
1.5
V
I
F = 10mA
Reverse Current
(I
R)
100
μAV
R = 6V
Output
Collector-emitter Breakdown (BV
CEO) 80
V
I
C = 0.1mA
Emitter-collector Breakdown (BV
ECO) 7
V
I
E = 100μA
Collector-emitter Dark Current (I
CEO)50
nA
V
CE = 10V
Coupled
Current Transfer Ratio (CTR)
100
200
%
10mAI
F,5V VCE
34
70
1mAI
F,5V VCE
Collector-Emitter Saturation Voltage
0.4
V
10mAI
F, 2.4mAIC
Input to Output Isolation Voltage V
ISO
3750
V
RMS
See note 1
Input-output Isolation Resistance R
ISO
1011
Ω
V
IO = 500VDC (note 1)
Output Rise Time
(tr)
1.6
μsV
CC = 5V ,
Output Fall Time
(tf)
2.2
18
μsI
C=2mA,RL=100Ω
13/3/09
ELECTRICAL CHARACTERISTICS ( T
A = 25°C Unless otherwise noted )
Note 1 Measured with input leads shorted together and output leads shorted together.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com