Electronic Components Datasheet Search
  English  ▼

X  

IS1102 Datasheet(PDF) 2 Page - ISOCOM COMPONENTS

Part # IS1102
Description  Switching Mode Power Supply
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

IS1102 Datasheet(HTML) 2 Page - ISOCOM COMPONENTS

  IS1102 Datasheet HTML 1Page - ISOCOM COMPONENTS IS1102 Datasheet HTML 2Page - ISOCOM COMPONENTS IS1102 Datasheet HTML 3Page - ISOCOM COMPONENTS IS1102 Datasheet HTML 4Page - ISOCOM COMPONENTS IS1102 Datasheet HTML 5Page - ISOCOM COMPONENTS IS1102 Datasheet HTML 6Page - ISOCOM COMPONENTS IS1102 Datasheet HTML 7Page - ISOCOM COMPONENTS IS1102 Datasheet HTML 8Page - ISOCOM COMPONENTS IS1102 Datasheet HTML 9Page - ISOCOM COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2 30/4/2013
DC93168
IS1100
ISOCOM
COMPONENTS
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
INPUT
OUTPUT
Parameter
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward Voltage
VF
IF = 20mA
1.2
1.4
V
Input Capacitance
CIN
VF = 0V, f = 1KHz
30
250
pF
Reverse Current
IR
VR = 4V
10
μA
Parameter
Symbol
Test Condition
Min
Max
Unit
Collector-Emitter
breakdown Voltage
BVCEO
IC = 0.1mA, IF = 0mA
80
V
Emitter-Collector
breakdown Voltage
BVECO
IE = 0.1mA, IF = 0mA
7
V
Collector-Emitter
Dark Current
ICEO
VCE = 20V, IF = 0mA
100
nA
Typ.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com