Electronic Components Datasheet Search
  English  ▼

X  

SE95 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SE95
Description  Ultra high accuracy digital temperature sensor and thermal WatchdogE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SE95 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SE95 Datasheet HTML 7Page - NXP Semiconductors SE95 Datasheet HTML 8Page - NXP Semiconductors SE95 Datasheet HTML 9Page - NXP Semiconductors SE95 Datasheet HTML 10Page - NXP Semiconductors SE95 Datasheet HTML 11Page - NXP Semiconductors SE95 Datasheet HTML 12Page - NXP Semiconductors SE95 Datasheet HTML 13Page - NXP Semiconductors SE95 Datasheet HTML 14Page - NXP Semiconductors SE95 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Philips Semiconductors
Product data sheet
SE95
Ultra high accuracy digital temperature sensor and
thermal Watchdog
™
2004 Dec 21
11
Configuration register
The Configuration register is a write/read register and contains an 8-bit non-complement data byte that is used to configure the device for
different operating conditions. The Configuration register table (Table 3) shows the bit assignments of this register.
Table 3. Configuration register table
Bit
Name
R/W
POR
Description
B7
Reserved
R/W
0
Reserved for manufacturer’s use.
B6–B5
Rate val
R/W
00
Sets the conversion rate:
00 = 10 conversions/sec (default)
01 = 0.125 conversions/sec
10 = 1 conversions/sec
11 = 30 conversions/sec
B4–B3
OS Fault queue
R/W
0
For OS Fault Queue programming.
Programmable queue data = 0, 1 ,2, 3 for queue value = 1, 2, 4, 6 respectively. Default = 0.
B2
OS Polarity
R/W
0
For OS Polarity selection.
1 = OS active HIGH, 0 = OS active LOW (default).
B1
OS Comp/Interrupt
R/W
0
For OS operation Mode selection.
1 = OS interrupt, 0 = OS comparator (default).
B0
Shut-down
R/W
0
For Device Operation Mode selection.
1 = Shut-down, 0 = Normal (default).
Temperature Register (Temp)
The Temp register holds the digital result of temperature measurement or monitor at the end each A-to-D conversion. This register is read only
and contains two 8-bit data bytes consisting of one most significant (MS) data byte and one least significant (LS) data byte. However, only 13
bits of those two bytes are used to store the Temp data in 2’s complement format with the resolution of 0.03125
°C. The Temp register table
(Table 4) shows the bit arrangement of the Temp data in the data bytes.
Table 4. Temp Register table
Temp MS byte
Temp LS byte
MSB
LSB
MSB
LSB
B7
B6
B5
B4
B3
B2
B1
B0
B7
B6
B5
B4
B3
B2
B1
B0
for 11-bit Temp Data
Not used
MSB
LSB
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
for 13-bit Temp Data
Not used
MSB
LSB
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
When reading the Temp register, all 16 bits of the two data bytes (MS byte and LS byte) must be collected and then the 2’s complement data
value according to the desired resolution must be selected for the temperature calculation. The Table 4 has shown the examples for two cases:
11-bit 2’s complement data value, and 13-bit 2’s complement data value. When converting into the temperature the proper resolution must be
used as listed in Table 5 using either one of these two formulae:
1. If the Temp Data MSB = 0, then:
Temp Value (
°C) = +(Temp Data) × Value Resolution
2. If the Temp Data MSB = 1, then:
Temp Value (
°C) = –(2’s complement Temp Data) × Value Resolution
Table 6 shows some examples of the results for the 11-bit calculations.
Table 5. Temp Data and Temp Value resolution
Data resolution
Value resolution
8 bits
1.0
°C
9 bits
0.5
°C
10 bits
0.25
°C
11 bits
0.125
°C
12 bits
0.0625
°C
13 bits
0.03125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com