Electronic Components Datasheet Search
  English  ▼

X  

6027422 Datasheet(PDF) 4 Page - SICK AG

Part # 6027422
Description  PHOTOELECTRIC SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6027422 Datasheet(HTML) 4 Page - SICK AG

  6027422 Datasheet HTML 1Page - SICK AG 6027422 Datasheet HTML 2Page - SICK AG 6027422 Datasheet HTML 3Page - SICK AG 6027422 Datasheet HTML 4Page - SICK AG 6027422 Datasheet HTML 5Page - SICK AG 6027422 Datasheet HTML 6Page - SICK AG 6027422 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
VTE18L-4P344 | V18 Laser
PHOTOELECTRIC SENSORS
ETIM 6.0
EC001821
UNSPSC 16.0901
39121528
Connection diagram
Cd-099
+ (L+)
C
- (M)
1
2
3
Q
4
WH
BU
BN
BK
Characteristic curve
VTE18L, radial
100
10
0
1
Sensing
range
Sensing
range
typ. max.
90%
18%
6%
mm
(inch)
50
(1.97)
100
(3.94)
150
(5.91)
200
(7.87)
250
(9.84)
Distance in mm (inch)
4
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-11-09 17:58:45
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com