Electronic Components Datasheet Search
  English  ▼

X  

6035488 Datasheet(PDF) 5 Page - SICK AG

Part # 6035488
Description  PHOTOELECTRIC SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6035488 Datasheet(HTML) 5 Page - SICK AG

  6035488 Datasheet HTML 1Page - SICK AG 6035488 Datasheet HTML 2Page - SICK AG 6035488 Datasheet HTML 3Page - SICK AG 6035488 Datasheet HTML 4Page - SICK AG 6035488 Datasheet HTML 5Page - SICK AG 6035488 Datasheet HTML 6Page - SICK AG 6035488 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VTF18-4N1240V | V18V
PHOTOELECTRIC SENSORS
Characteristic curve
VTF18V
1000
100
1
10
Sensing range
Sensing
range max.
mm
(inch)
50
(1.97)
100
(3.94)
150
(5.91)
Distance in mm (inch)
1
2
①  Sensing range on white, 90% remission
②  Sensing range on gray, 18 % remission
Sensing range diagram
VTF18V
0
50
(1.97)
100
(3.94)
150
(5.91)
2
1
Distance in mm (inch)
Sensing range
Sensing range max.
100
110
0
50 60
0
①  Sensing range on white, 90% remission
②  Sensing range on gray, 18 % remission
2017-11-09 17:58:45 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com