Electronic Components Datasheet Search
  English  ▼

X  

TPS2236DAPRG4 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS2236DAPRG4
Description  ExpressCard POWER INTERFACE SWITCH
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS2236DAPRG4 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS2236DAPRG4 Datasheet HTML 17Page - Texas Instruments TPS2236DAPRG4 Datasheet HTML 18Page - Texas Instruments TPS2236DAPRG4 Datasheet HTML 19Page - Texas Instruments TPS2236DAPRG4 Datasheet HTML 20Page - Texas Instruments TPS2236DAPRG4 Datasheet HTML 21Page - Texas Instruments TPS2236DAPRG4 Datasheet HTML 22Page - Texas Instruments TPS2236DAPRG4 Datasheet HTML 23Page - Texas Instruments TPS2236DAPRG4 Datasheet HTML 24Page - Texas Instruments TPS2236DAPRG4 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
www.ti.com
SYSRST
CPxx
RCLKEN
PERST
REFCLK
(Either Tri-Stated or Off)
Host Power
(AUXIN)
Host Power
(3.3VIN and 1.5VIN)
Card Power
(AUXIN, 3.3VOUT,
and 1.5VOUT)
Note: Once 3.3 V and 1.5 V are applied, the power switch follows the power-up sequence of Figure 18 or Figure 19.
SYSRST
CPxx
RCLKEN
REFCLK
Host Power
(AUXIN, 3.3VIN, and 1.5VIN)
Card Power
(AUXOUT, 3.3VOUT, and 1.5VOUT)
PERST
c
d
e
a
a
Tpd
Min
Max
Units
a
b
500
c
d
e
500
ns
System Dependent
System Dependent
ns
Load Dependent
TPS2231
TPS2236
SLVS536B – JULY 2004 – REVISED JANUARY 2005
APPLICATION INFORMATION (continued)
Figure 20. Timing Signals - Host System In Standby Prior to Card Insertion
Figure 21. Timing Signals - Host-Controlled Power Down
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com