Electronic Components Datasheet Search
  English  ▼

X  

ICM107 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ICM107
Description  ICM107B Mega pixel Color CMOS image sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICM107 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ICM107 Datasheet HTML 1Page - List of Unclassifed Manufacturers ICM107 Datasheet HTML 2Page - List of Unclassifed Manufacturers ICM107 Datasheet HTML 3Page - List of Unclassifed Manufacturers ICM107 Datasheet HTML 4Page - List of Unclassifed Manufacturers ICM107 Datasheet HTML 5Page - List of Unclassifed Manufacturers ICM107 Datasheet HTML 6Page - List of Unclassifed Manufacturers ICM107 Datasheet HTML 7Page - List of Unclassifed Manufacturers ICM107 Datasheet HTML 8Page - List of Unclassifed Manufacturers ICM107 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ICM107B Mega pixel CMOS sensor
Data Sheet Version 1.0 July 2002
©2000, 2001,2002 IC Media Corporation & IC Media Technology Corp
10/29/2002
web site: http://www.ic-media.com/
web site: http://www.ic-media.com.tw/
page 2
Confidential
Features
•
1 mega pixels (1152x864) format, used with 1/2” optical system
•
Support sub-sampling at quarter (1/4) mega pixel resolution for higher video frame rate
•
Progressive readout
•
Output data format: 10-bit raw data
•
Input interface: SIF
•
Electronic exposure control
•
On-chip 11-bit ADC
•
On-chip PLL
•
Correlated double sampling
•
Video mode and DSC mode
•
Dead pixel removal
•
Flash control
•
Power down mode
•
Automatic optical black compensation
•
Horizontal and veritcal images
•
Single 3.3V power supply
General Description
ICM-107B is a single-chip digital color-imaging device. It incorporates a 1152x864 sensor array capable
of operating at up to 30 frames per second and sub-sampled quarter mega pixel resolution, operating at
higher frame rate in progressive manner. Each pixel is covered by a color filter, which formed a so-called
Bayer pattern. Correlated double sampling is performed by the internal ADC and timing circuitry. The
gains for raw data can be adjusted separately for the 4 Bayer pattern pixels. The output format is 10-bit raw
data that can be fed to other DSP, color processing, or compression chips.
Applications
•
Digital camcorder
•
Digital still camera
•
Video phone
•
Video conferencing
•
Video mail
•
Video cellular phone
•
PC camera
•
Security system
•
Visual toy
•
Industrial image capture/analysis
•
Environment monitor system
Key Parameters
•
Number of pixels: 1152x864
•
Number of physical pixels: 1,015,588, (1162x874)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com