Electronic Components Datasheet Search
  English  ▼

X  

ICM107B Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # ICM107B
Description  ICM107B Mega pixel Color CMOS image sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICM107B Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button ICM107B Datasheet HTML 8Page - List of Unclassifed Manufacturers ICM107B Datasheet HTML 9Page - List of Unclassifed Manufacturers ICM107B Datasheet HTML 10Page - List of Unclassifed Manufacturers ICM107B Datasheet HTML 11Page - List of Unclassifed Manufacturers ICM107B Datasheet HTML 12Page - List of Unclassifed Manufacturers ICM107B Datasheet HTML 13Page - List of Unclassifed Manufacturers ICM107B Datasheet HTML 14Page - List of Unclassifed Manufacturers ICM107B Datasheet HTML 15Page - List of Unclassifed Manufacturers ICM107B Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ICM107B Mega pixel CMOS sensor
Data sheet Version 0.5, January 2002
©2000, 2001,2002 IC Media Corporation & IC Media Technology Corp
10/29/2002
web site: http://www.ic-media.com/
web site: http://www.ic-media.com.tw/
page 12
Confidential
0xB0
0xB1
AD_WT_ENDL_C
AD_WT_ENDH_C
0x07F8
(2040)
[10:0] Current wave table end point, read
only
0xB4
AD_PLL
0x07
[4:0] PLL setting for ADC clock. For example,
at 6 MHz input, selection of [00011] will run
system ADC clock at 24MHz. Note:
maximum ADC clock is 96MHz for 30 fps
operation.
00000: x1 for PLL
00001: x2 for PLL
00011: x4 for PLL
00111: x8 for PLL
01111: x16 for PLL
0xB6
0xB7
AD_F_MAX_ADDRL
AD_F_MAX_ADDRH
369(873)
Reserved for debugging purpose
0xB8
0xB9
AD_F_OVERL
AD_F_OVERH
36A(874)
Reserved for debugging purpose
0xBA
0xBB
AD_F_LIMITAL
AD_F_LIMITAH
36B(875)
Reserved for debugging purpose
0xBC
0xBD
AD_F_LIMITBL
AD_F_LIMITBH
2(2)
Reserved for debugging purpose
0xBE
0xBF
AD_F_LIMITCL
AD_F_LIMITCH
36A(874)
Reserved for debugging purpose
0xC0
0xC1
0xC2
0xC3
AD_COL_DEAD0L
AD_COL_DEAD0H
AD_ROW_DEAD0L
AD_ROW_DEAD0H
07FF
07FF
Dead pixel #0 address
A total of 12 pixels
0xC4
0xC5
0xC6
0xC7
AD_COL_DEAD0L
AD_COL_DEAD0H
AD_ROW_DEAD0L
AD_ROW_DEAD0H
07FF
07FF
Dead pixel #1 address
0xC8
0xC9
0xCA
0xCB
AD_COL_DEAD0L
AD_COL_DEAD0H
AD_ROW_DEAD0L
AD_ROW_DEAD0H
07FF
07FF
Dead pixel #2 address
0xCC
0xCD
0xCE
0xCF
AD_COL_DEAD0L
AD_COL_DEAD0H
AD_ROW_DEAD0L
AD_ROW_DEAD0H
07FF
07FF
Dead pixel #3 address
0xD0
0xD1
0xD2
0xD3
AD_COL_DEAD0L
AD_COL_DEAD0H
AD_ROW_DEAD0L
AD_ROW_DEAD0H
07FF
07FF
Dead pixel #4 address
0xD4
0xD5
0xD6
0xD7
AD_COL_DEAD0L
AD_COL_DEAD0H
AD_ROW_DEAD0L
AD_ROW_DEAD0H
07FF
07FF
Dead pixel #5 address
0xD8
0xD9
AD_COL_DEAD0L
AD_COL_DEAD0H
07FF
07FF
Dead pixel #6 address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com