Electronic Components Datasheet Search
  English  ▼

X  

UG8KB10 Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # UG8KB10
Description  SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

UG8KB10 Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  UG8KB10 Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd UG8KB10 Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UG8K
UG8K
B20
UG8KB05 THRU UG8KB100
SILICON BRIDGE RECTIFIERS
Reverse Voltage - 50 to 1000 Volts
Forward Current - 8.0 Amperes
Case: D3K molded plastic body
Terminals: Plated leads solderable per
MIL-STD-202, Method 208
Polarity: As marked on case
Mounting Position: Any
Marking :
FEATURES
MECHANICAL DATA
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Glass passivated die construction
Low forward voltage drop
High current capability
High surge current capability
Designed for surface mount application
5.0
0.5
55
-55 to +150
8.0
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward output rectified current
at TA=40 C(Note 1)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Forward voltage per element @IF=8.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=125 C
Typical Thermal Resistance per leg(Note 2)
Operating junction temperature range
R
θJA
TJ,TSTG
IR
VF
A
µ
C/W
mA
C
50
35
50
100
70
100
200
140
200
400
280
400
B60
420
600
800
560
800
1000
700
1000
UG8K
UG8K
UG8K
UG8K
UG8K
150.0
1.1
D3K
MDD Catalog Number
B05
B10
B40
600
B80
B100
Type number
R
θJL
15
Note:1. Mounted on glass epoxy PC board with 1.3mm
2 solder pad.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C..
Plastic material-UL flammability 94V-O
Typical juntion capacitance per leg
CJ
pF
21


Similar Part No. - UG8KB10

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
UG8KB10 JUXING-UG8KB10 Datasheet
883Kb / 2P
BRIDGE RECTIFIERS
logo
Microdiode Semiconducto...
UG8KB10 CHENDA-UG8KB10 Datasheet
1Mb / 2P
SILICON BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
UG8KB10 ZSELEC-UG8KB10 Datasheet
118Kb / 2P
8.0A BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
UG8KB10 JUXING-UG8KB10 Datasheet
2Mb / 2P
BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
UG8KB10 ZSELEC-UG8KB10 Datasheet
104Kb / 2P
8.0A BRIDGE RECTIFIER
More results

Similar Description - UG8KB10

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com