Electronic Components Datasheet Search
  English  ▼

X  

9750183 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9750183
Description  Direct connection with no converter on analog input
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9750183 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9750183 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9750183 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LDR probe AS Part number 89750183
Direct connection with no converter on analog input
Low cost temperature control solution
Fields of application :
- Lighting management
- Energy saving
- Building management
Part numbers
Specifications
Type
Description
Measurement range
89750183
AS
Light sensor LDR1 for Millenium 3 (24 V DC, ± 10 %)
10 →3000 Lux
General characteristics
Environmental characteristics
Accuracy
< 10 % of full scale
Peak spectral response
600 ±20 nm
Drift Temperature (%/ °C)
0,5 %/ °C
Operating temperature
-
20 →+70 °C
Storage temperature
-
20 →+70 °C
Mechanical characteristics
Cable length
3000 mm
Protection rating
IP64
Mounting by screw
Ø 5 mm
Mounting
Hole Ø 10 mm, thickness 9 mm max.
Comments
Dimensions (mm)
89750183
Connections
CA 89750183
Unless otherwise specified, the characteristics given are applicable to all or part of the product range selected
02/11/2015
www.crouzet.com


Similar Part No. - 9750183

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
97501E3 VISHAY-97501E3 Datasheet
123Kb / 8P
Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
15-Jul-16
97501E3 VISHAY-97501E3 Datasheet
106Kb / 7P
Conductive Polymer Aluminum Capacitors SMD (Chip), Low Impedance
15-Jul-16
More results

Similar Description - 9750183

ManufacturerPart #DatasheetDescription
logo
Ralston Instruments.
NPAK-TRS0 RALSTON-NPAK-TRS0 Datasheet
558Kb / 1P
Trap with no top connection, no bottom connection
logo
Texas Instruments
BQ27510 TI1-BQ27510_13 Datasheet
1Mb / 39P
Direct Battery Connection
logo
Analog Devices
AD10200 AD-AD10200_17 Datasheet
1Mb / 20P
A/D Converter with Analog Input Signal Conditioning
Rev. B
logo
List of Unclassifed Man...
89750174 ETC2-89750174 Datasheet
106Kb / 2P
Direct connection with no converter on analog input
89750180 ETC2-89750180 Datasheet
109Kb / 2P
Direct connection with no converter on analog input
89750182 ETC2-89750182 Datasheet
99Kb / 2P
Direct connection with no converter on analog input
89750183 ETC2-89750183 Datasheet
110Kb / 2P
Direct connection with no converter on analog input
89750185 ETC2-89750185 Datasheet
99Kb / 2P
Direct connection with no converter on analog input
89750186 ETC2-89750186 Datasheet
97Kb / 2P
Direct connection with no converter on analog input
logo
PHOENIX CONTACT
1016274 PHOENIX-1016274 Datasheet
642Kb / 16P
PCB direct plug, Crimp connection
2020-02-20 version 01
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com