Electronic Components Datasheet Search
  English  ▼

X  

FOD8342R2 Datasheet(PDF) 13 Page - ON Semiconductor

Part # FOD8342R2
Description  3.0 A Output Current, High Speed Gate Drive Optocoupler
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FOD8342R2 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FOD8342R2 Datasheet HTML 9Page - ON Semiconductor FOD8342R2 Datasheet HTML 10Page - ON Semiconductor FOD8342R2 Datasheet HTML 11Page - ON Semiconductor FOD8342R2 Datasheet HTML 12Page - ON Semiconductor FOD8342R2 Datasheet HTML 13Page - ON Semiconductor FOD8342R2 Datasheet HTML 14Page - ON Semiconductor FOD8342R2 Datasheet HTML 15Page - ON Semiconductor FOD8342R2 Datasheet HTML 16Page - ON Semiconductor FOD8342R2 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
©2015 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD8342, FOD8342T Rev. 1.1
12
Test Circuit (Continued)
Figure 25. VOH Test Circuit
Figure 26. VOL Test Circuit
IF = 10 mA
6
5
4
3
2
1
+
-
VDD
VOH
0.1µF
100mA
6
5
4
3
2
1
+
-
VDD
VOL
0.1µF
100mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com