Electronic Components Datasheet Search
  English  ▼

X  

IRK.170 Datasheet(PDF) 1 Page - International Rectifier

Part # IRK.170
Description  SCR / SCR and SCR / DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRK.170 Datasheet(HTML) 1 Page - International Rectifier

  IRK.170 Datasheet HTML 1Page - International Rectifier IRK.170 Datasheet HTML 2Page - International Rectifier IRK.170 Datasheet HTML 3Page - International Rectifier IRK.170 Datasheet HTML 4Page - International Rectifier IRK.170 Datasheet HTML 5Page - International Rectifier IRK.170 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
High voltage
Electrically isolated base plate
3000 V
RMS isolating voltage
Industrial standard package
Simplified mechanical designs, rapid assembly
High surge capability
Large creepage distances
UL E78996 approved
This new IRK serie of MAGN-A-paks modules uses high
voltage power thyristor/thyristor and thyristor/diode in
seven basic configurations. The semiconductors are
electrically isolated from the metal base, allowing com-
mon heatsinks and compact assemblies to be built. They
can be interconnected to form single phase or three
phase bridges or as AC-switches when modules are
connected in anti-parallel mode.
These modules are intended for general purpose appli-
cations such as battery chargers, welders and plating
equipment and where high voltage and high current are
required (motor drives, U.P.S., etc.).
Description
I
T(AV) @ 85°C
170
230
250
A
I
T(RMS)
377
510
555
A
I
TSM
@ 50Hz
5100
7500
8500
A
@ 60Hz
5350
7850
8900
A
I2t
@ 50Hz
131
280
361
KA2s
@ 60Hz
119
256
330
KA2s
I2
√t
1310
2800
3610
KA2
√s
V
DRM / VRRM
Up to1600 Up to 2000 Up to1600
V
T
J
range
-40 to 130
o
C
Parameters
IRK.170..
IRK.230.. IRK.250..
Units
Major Ratings and Characteristics
SCR / SCR and SCR / DIODE
170A
230A
250A
MAGN-A-pak
 Power Modules
IRK. SERIES
1
Bulletin I27102 rev. C 05/02
www.irf.com


Similar Part No. - IRK.170

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRK.136 IRF-IRK.136 Datasheet
381Kb / 12P
THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRK.136 IRF-IRK.136 Datasheet
391Kb / 12P
THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRK.142 IRF-IRK.142 Datasheet
381Kb / 12P
THYRISTOR/DIODE and THYRISTOR/THYRISTOR
IRK.142 IRF-IRK.142 Datasheet
391Kb / 12P
THYRISTOR/DIODE and THYRISTOR/THYRISTOR
More results

Similar Description - IRK.170

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK IRF-IRK Datasheet
150Kb / 6P
SCR / SCR and SCR / DIODE MAGN-A-pak Power Modules
logo
Vishay Siliconix
VSK170PBF VISHAY-VSK170PBF Datasheet
245Kb / 11P
SCR/SCR and SCR/Diode (MAGN-A-PAKTM Power Modules), 170/250 A
22-Apr-08
VSKT230 VISHAY-VSKT230 Datasheet
345Kb / 8P
SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
02-Jul-10
VS-VSK170PBF VISHAY-VS-VSK170PBF Datasheet
323Kb / 13P
SCR/SCR and SCR/Diode
17-Jul-14
VS-VSKT230-16 VISHAY-VS-VSKT230-16 Datasheet
218Kb / 10P
SCR/SCR and SCR/Diode
17-Jul-14
VS-VSK.230PBF VISHAY-VS-VSK.230PBF Datasheet
186Kb / 9P
SCR / SCR and SCR / Diode (MAGN-A-PAK Power Modules), 230 A
27-Apr-17
VS-VSK230PBF VISHAY-VS-VSK230PBF_V01 Datasheet
170Kb / 9P
SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
12-Nov-2018
VS-VSK.230..PBF VISHAY-VS-VSK.230..PBF Datasheet
168Kb / 9P
SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
12-Nov-2018
VS-VSK.170PBF VISHAY-VS-VSK.170PBF_V02 Datasheet
273Kb / 12P
SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A, 250 A
12-Nov-2018
VS-VSK.230..PBF VISHAY-VS-VSK.230..PBF_V01 Datasheet
169Kb / 9P
SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
12-Nov-2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com