Electronic Components Datasheet Search
  English  ▼

X  

GP565 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # GP565
Description  RF4CE Communications Controller for Remote Control
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

GP565 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  GP565 Datasheet HTML 1Page - TriQuint Semiconductor GP565 Datasheet HTML 2Page - TriQuint Semiconductor GP565 Datasheet HTML 3Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GP565
RF4CE Communications Controller for Remote Control
GP_P007_PB_06535 V2.00 | Subject to change without notice
2 of 3
www.qorvo.com
®
Key Features
 IEEE 802.15.4 compliant PHY and Real-Time MAC
 Operates in the worldwide 2.4 GHz ISM-band
 Excellent range by antenna diversity: 8 dB more reliable
link budget compared to single antenna
 Additional robustness by packet-in-packet
resynchronization
 Hardware accelerated AES and CCM* encryption with
128, 192 and 256-bit keys
 XAP5™ 16/32-bits high performance microcontroller
 120 or 192 or 248 Kbyte Flash Program memory
 8 or 16 Kbyte Low Leakage Retention RAM
 Integrated ZigBee RF4CE Network layer
 Integrated standard or vendor-specific RF4CE Profile for
controller node
 Extremely low standby power consumption
 Supporting intermitted energy sources and coin cell
batteries
 4 LED generator with individual PWM support
 Full internal IO pull-up / pull-down support during active
and standby states
Low Cost
The GP565 is designed to operate on very low cost, single
layer, paper phenol like PCB material using only low cost
components and printed circuit antennas. No expensive
shielding, chip antennas or voltage regulators are required to
design a high performance Remote Control application. The
integrated microcontroller and program memory allow for fully
integrated,
single
chip
applications
and
the
integrated
Real-Time MAC greatly reduces software complexity and
improves stability.
Excellent Range and Reliability
The GP565 has been optimized for reliable communication in
harsh radio environments. The -96 dBm receiver sensitivity
allows extended coverage. Built-in antenna diversity with two
antennas improves the reliable link budget by 8 dB resulting in
approximately twice the reliable range compared to similar
systems with only one antenna. In high density networks the
packet-in-packet
resynchronization
further
improves
the
communication reliability.
Ultra-Low Power Consumption
The GP565
’s advanced integrated energy management system
allows it to operate from a standard lithium coin cell battery, like
the CR2032, as well as from intermittent power supplies like
photovoltaic (solar) and electro-mechanical, with a minimum of
additional components. It includes ultra-low power voltage level
detectors and overvoltage protection circuitry, allowing safe
operation and graceful shutdown. The battery lifetime monitor
tracks the usage of the battery and provides an early
exhaustion warning.
Electrical Characteristics
Standby Mode Currents 1
Using internal RC oscillator
1 µA
Using crystal oscillator
720 µA
Operational Currents 1
Receive
12.5 mA
Transmit (at 0 dBm)
18 mA
Transmit (at 7 dBm)
29 mA
Supply Voltage
1.8 to 3.6 V
Interfaces and Peripherals
Programmable GPIO lines
22
Analog input lines
2
Keyboard (HW assisted)
max 8 x 8
20 mA output drive GPIO (for IR) 1
8-bit PWM with fading support
(for LED)
4 outputs
16-bit PWM engine
4 outputs
SPI Master and I2C Master peripheral interfaces
SPI Slave interface
UART interface
ADC to monitor the analog input lines and the power
supply level
High speed programming interface
Crystal Frequency
32.000 MHz (±40 ppm)
Radio Characteristics
Standards compliant
IEEE 802.15.4-2003
IEEE 802.15.4-2006
Radio Regulations
compliant
ETSI EN 300 328
FCC CFR-47 Part 15
ARIB STD-T66
Frequency Band
2400
– 2483.5 MHz
Channels
16 (programmable, 5 MHz steps)
Modulation
IEEE 802.15.4
Chip rate
2 Mchip/s
Data Rate
250 kbit/s
Receiver Sensitivity 1
-96 dBm typical
Antenna diversity gain 2
8 dB
(increases the 'effective' receiver sensitivity to -104 dBm)
Transmit Power
+7 dBm
(adjustable down in 1 dB steps)
Radio Management
Antenna Diversity
Digital RSSI
Link Quality Indication



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com