Electronic Components Datasheet Search
  English  ▼

X  

IS222 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IS222
Description  OPTICALLY COUPLED BILATERAL SWITCH LIGHT ACTIVATED ZERO VOLTAGE CROSSING TRIAC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

IS222 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IS222 Datasheet HTML 1Page - List of Unclassifed Manufacturers IS222 Datasheet HTML 2Page - List of Unclassifed Manufacturers IS222 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DB92609-AAS/A2
28/7/98
PARAMETER
MIN TYP MAX UNITS
TEST CONDITION
ELECTRICAL CHARACTERISTICS ( T
A = 25°C Unless otherwise noted )
Input
Forward Voltage (V
F)
1.2
1.5
V
I
F = 30mA
Reverse Current (I
R)
100
µAV
R = 6V
Output
Peak Off-state Current ( I
DRM )
300
nA
V
DRM = 200V (note 1 )
Peak Blocking Voltage ( V
DRM )
200
V
I
DRM = 300nA
On-state Voltage ( V
TM )
1.8
3.0
V
I
TM = 100mA ( peak )
Critical rate of rise of
off-state Voltage ( dv/dt )
100
V/
µs
Coupled
Input Current to Trigger ( I
FT )(note 2 )
IS220
30
mA
V
TM = 3V ( note 2 )
IS221
15
mA
IS222
10
mA
IS223
7
mA
Holding Current , either direction ( I
H )
100
µA
Input to Output Isolation Voltage V
ISO
5300
V
RMS
See note 3
7500
V
PK
See note 3
Zero
Inhibit Voltage ( V
IH )35
V
I
F= Rated IFT
Crossing
MT1-MT2 Voltage
Charact-
above which device
-eristic
will not trigger
Leakage in Inhibited State ( I
S )
500
µAI
F= Rated IFT
V
DRM = 200V off-state
Note 1. Test voltage must be applied within dv/dt rating.
Note 2. Guaranteed to trigger at an I
F value less than or equal to max. IFT , recommended IF lies
between Rated I
FT and absolute max. IFT .
Note 3. Measured with input leads shorted together and output leads shorted together.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com