Electronic Components Datasheet Search
  English  ▼

X  

JCS8HN60C Datasheet(PDF) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS8HN60C
Description  LED power supply
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS8HN60C Datasheet(HTML) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS8HN60C Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8HN60C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8HN60C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8HN60C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8HN60C Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8HN60C Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8HN60C Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8HN60C Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS8HN60C Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
R
JCS8HN60C
版本:201510B
5/14
特征曲线
ELECTRICAL CHARACTERISTICS (curves)
1
10
1
10
V
GS
Top
15V
10V
8V
7V
6.5V
6V
5.5V
Bottom 5V
Notes:
1. 250μs pulse test
2. T
C=25
℃
V
DS
[V]
2
4
6
8
10
0.1
1
10
Notes:
1.250μs pulse test
2.V
DS=40V
25℃
V
GS
[V]
150℃
On-Region Characteristics
Transfer Characteristics
On-Resistance Variation vs.
Drain Current and Gate Voltage
Body Diode Forward Voltage Variation
vs. Source Current and Temperature
Capacitance Characteristics
Gate Charge Characteristics
0.1
1
10
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
Notes:
1. 250μs pulse test
2. V
GS =0V
25℃
150℃
V
SD
[V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com