Electronic Components Datasheet Search
  English  ▼

X  

D-11 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # D-11
Description  DRIVERS for LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

D-11 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  D-11 Datasheet HTML 1Page - Roithner LaserTechnik GmbH D-11 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DRIVERS for LED 1.6÷4.6
µµm
L
LE
ED
D D
Drriiv
ve
err M
Mo
od
de
ell D
D--1
11
1
• Driver D-11 is designed for power supply of all
models of MID-IR LED’s.
The driver provides two modes of operation:
• Quasi Continuous Wave (quasi steady-state) mode.
Such mode provides maximum average optical power
from the LED. Optimum current for ordered together
with Driver D-11 infrared LEDs is fixed (usually 200
mA). Frequency of 0.5 kHz is used.
• Pulse mode. Such mode provides maximum peak
optical power from the LED. In this mode pulse
duration of 1
µs is used. Optimum for ordered together
with Driver D-11 infrared LEDs peak current is fixed
(usually 1 A).
• Customer can specify in his order other current,
frequency of pulse duration.
Parameters
Pulse mode
Quasi-CW mode
Pulse duration
1
µs
1000
µs
Repetition rate
0.5 kHz
0.5 kHz
Current amplitude
1 A
200 mA
Dimensions, mm
105 x 58 x 20
Weight
90 g
Power requirement
+12 V DC
1 ms
1 ms
1
µs
1 A
2 ms
Quasi-CW
200 mA
f = 0.5 kHz
f = 0.5 kHz
Pulsed


Similar Part No. - D-11

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
D-110-0062 MACOM-D-110-0062 Datasheet
117Kb / 4P
SolderSleeve Discrete Wire Terminators
D-110-0217 MACOM-D-110-0217 Datasheet
117Kb / 4P
SolderSleeve Discrete Wire Terminators
More results

Similar Description - D-11

ManufacturerPart #DatasheetDescription
logo
Rohm
BP5841-1 ROHM-BP5841-1 Datasheet
426Kb / 3P
High-power LED Drivers for ?llumination
logo
NXP Semiconductors
SSL152X NXP-SSL152X Datasheet
94Kb / 17P
SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
SSL152X NXP-SSL152X_09 Datasheet
103Kb / 17P
SMPS ICs for mains LED drivers
Rev. 02-10 March 2009
logo
Rohm
BP5841A ROHM-BP5841A Datasheet
432Kb / 3P
High-power LED Drivers for ?llumination
BP5841A1 ROHM-BP5841A1 Datasheet
432Kb / 3P
High-power LED Drivers for ?llumination
BD6183GUL ROHM-BD6183GUL Datasheet
560Kb / 35P
System LED Drivers for Mobile Phones
BD8372HFP-M ROHM-BD8372HFP-M Datasheet
545Kb / 17P
LED Drivers for Automotive Light
BD8381EFV-M ROHM-BD8381EFV-M Datasheet
467Kb / 21P
LED Drivers for Automotive Light
logo
NXP Semiconductors
SSL21081T PHILIPS-SSL21081T Datasheet
846Kb / 24P
GreenChip drivers for LED lighting
Rev. 2-6 December 2011
logo
Rohm
BD8381AEFV-M ROHM-BD8381AEFV-M Datasheet
2Mb / 40P
LED Drivers for Automotive Light
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com