Electronic Components Datasheet Search
  English  ▼

X  

ADS5413IPHP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5413IPHP
Description  SINGLE 12-BIT, 65-MSPS IF SAMPLING ANALOG-TO-DIGITAL CONVERTER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5413IPHP Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS5413IPHP Datasheet HTML 2Page - Texas Instruments ADS5413IPHP Datasheet HTML 3Page - Texas Instruments ADS5413IPHP Datasheet HTML 4Page - Texas Instruments ADS5413IPHP Datasheet HTML 5Page - Texas Instruments ADS5413IPHP Datasheet HTML 6Page - Texas Instruments ADS5413IPHP Datasheet HTML 7Page - Texas Instruments ADS5413IPHP Datasheet HTML 8Page - Texas Instruments ADS5413IPHP Datasheet HTML 9Page - Texas Instruments ADS5413IPHP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ADS5413
SLWS153 − DECEMBER 2003
www.ti.com
6
TYPICAL CHARACTERISTICS†
10
Figure 2
f − Frequency − MHz
−120
−100
−80
−60
−40
−20
0
05
30
15
20
25
SPECTRAL PERFORMANCE
fS = 65 MSPS
fIN = 2 MHz
SNR = 68.7 dBFS
SINAD = 67.7 dBFS
SFDR = 74.6 dBc
THD = −73.2 dBc
−120
−100
−80
−60
−40
−20
0
f − Frequency − MHz
fS = 65 MSPS
fIN = 14 MHz
SNR = 68.5 dBFS
SINAD = 67.6 dBFS
SFDR = 77.5 dBc
THD = −75.9 dBc
05
30
10
15
20
25
SPECTRAL PERFORMANCE
Figure 3
f − Frequency − MHz
−120
−100
−80
−60
−40
−20
0
05
30
10
15
20
25
SPECTRAL PERFORMANCE
Figure 4
fS = 65 MSPS
fIN = 39 MHz
SNR = 68.5 dBFS
SINAD = 67.8 dBFS
SFDR = 79.1 dBc
THD = −75.7 dBc
10
Figure 5
f − Frequency − MHz
−120
−100
−80
−60
−40
−20
0
05
30
15
20
25
SPECTRAL PERFORMANCE
fS = 65 MSPS
fIN = 69 MHz
SNR = 68.2 dBFS
SINAD = 67.9 dBFS
SFDR = 81.4 dBc
THD = −77.8 dBc
Figure 6
f − Frequency − MHz
−120
−100
−80
−60
−40
−20
0
05
30
10
15
20
25
SPECTRAL PERFORMANCE
fS = 65 MSPS
fIN = 151 MHz
SNR = 64.8 dBFS
SINAD = 63.2 dB
SFDR = 68.5 dBc
THD = −67.2 dBc
Figure 7
f − Frequency − MHz
−120
−100
−80
−60
−40
−20
0
SPECTRAL PERFORMANCE
10
05
30
15
20
25
fS = 65 MSPS
fIN = 190 MHz
SNR = 64.6 dBFS
SINAD = 63.8 dB
SFDR = 71.6 dBc
THD = −70.2 dBc
† 50% duty cycle. AVDD = 3.3 V, OVDD = 3.3 V, 25°C, DCA off, internal reference, Ain = –1 dBFS, CLK 2.8-VPP sine wave single ended, unless
otherwise noted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com