Electronic Components Datasheet Search
  English  ▼

X  

PTDCC-3 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # PTDCC-3
Description  LED Power Supply
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

PTDCC-3 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  PTDCC-3 Datasheet HTML 1Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
11.01.2012
PTDCC/3/ series
1 of 1
PTDCC/3/ series
TECHNICAL DATA
LED Power Supply
PTDCC/3/350 is a 3W direct constant current power supply for building in, which provides high
efficiency and reduced weight and size. Steady output currents of 350 mA, 500 mA or 700 mA are
available, with a wide range input voltage of 95-240 Volt. Equipped with screw terminals.
Specifications
Item
PTDCC/3/350
PTDCC/3/700
Unit
Nominal Input Voltage
95 - 240
220 - 240
V AC
Frequency
50 - 60
Hz
Nominal Output Power
3
W
Minimum Load
1
W
Nominal Output Current
350
700
mA
Maximum Output Voltage
12.5
5.0
V
Power Factor according to EN 61000-3-2
Yes
Maximum Ambient Temperature Ta
60
60
°C
Maximum Case Temperatur on Tc point
80
80
°C
Thermal Protection
Yes
Overload Protection
Yes
Overvoltage Protection
Yes
Short Circuit Protection (self-restoring)
Yes
Maximum Input Cables Section
2.5
mm²
Maximum Output Cables Section
2.5
mm²
Dimensions
40x42x21
mm
Weight
36
g
Package
Package Dimensions (Unit:mm)
Connection Diagram
Notes
Standards References
• LEDs have to be connected in series only.
• Never use switches on secondary side.
Safety:
Radio Interferencies:
Harmonics:
Immunity
EN 61347
EN 55015
EN 61000-3-2
EN 61547


Similar Part No. - PTDCC-3

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
PTDCC-10 ROITHNER-PTDCC-10 Datasheet
93Kb / 1P
LED Power Supply
PTDCC-15 ROITHNER-PTDCC-15 Datasheet
93Kb / 1P
LED Power Supply
PTDCC-S350700 ROITHNER-PTDCC-S350700 Datasheet
226Kb / 1P
Courant de sortie constant 350mA ou 700mA
More results

Similar Description - PTDCC-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXC30 ETC2-LXC30 Datasheet
270Kb / 2P
LED Power Supply
LXC50 ETC2-LXC50 Datasheet
269Kb / 2P
LED Power Supply
LXV75 ETC2-LXV75 Datasheet
421Kb / 2P
LED Power Supply
LXV200 ETC2-LXV200 Datasheet
398Kb / 2P
LED Power Supply
LXV300 ETC2-LXV300 Datasheet
413Kb / 2P
LED Power Supply
logo
JILIN SINO-MICROELECTRO...
JCS4N65FE JSMC-JCS4N65FE Datasheet
996Kb / 16P
LED power supply
JCS4N65FEI JSMC-JCS4N65FEI Datasheet
730Kb / 11P
LED power supply
JCS8HN60C JSMC-JCS8HN60C Datasheet
1Mb / 14P
LED power supply
logo
Roithner LaserTechnik G...
PTDCCL-10 ROITHNER-PTDCCL-10 Datasheet
89Kb / 1P
LED Power Supply
logo
LinkCom Manufacturing C...
40-LSP LINKCOM-40-LSP Datasheet
450Kb / 4P
LED Power Supply
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com