Electronic Components Datasheet Search
  English  ▼

X  

HIP6017CB Datasheet(PDF) 14 Page - Intersil Corporation

Part # HIP6017CB
Description  Advanced PWM and Dual Linear Power Control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6017CB Datasheet(HTML) 14 Page - Intersil Corporation

Back Button HIP6017CB Datasheet HTML 6Page - Intersil Corporation HIP6017CB Datasheet HTML 7Page - Intersil Corporation HIP6017CB Datasheet HTML 8Page - Intersil Corporation HIP6017CB Datasheet HTML 9Page - Intersil Corporation HIP6017CB Datasheet HTML 10Page - Intersil Corporation HIP6017CB Datasheet HTML 11Page - Intersil Corporation HIP6017CB Datasheet HTML 12Page - Intersil Corporation HIP6017CB Datasheet HTML 13Page - Intersil Corporation HIP6017CB Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
223
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
HIP6017 DC-DC Converter Application Circuit
Figure 15 shows an application circuit of a power supply for
a microprocessor computer system. The power supply
provides the microprocessor core voltage (VOUT1), the GTL
bus voltage (VOUT3) and clock generator voltage (VOUT2)
from +3.3VDC, +5VDC and +12VDC. For detailed
information on the circuit, including a Bill-of-Materials and
circuit board description, see Application Note AN9800. Also
see Intersil’s web page (http://www.intersil.com).
VID1
VID2
VID3
VID4
SS
GND
VCC
+5VIN
VID0
+12VIN
PGND
VSEN1
PGOOD
LGATE1
UGATE1
OCSET1
PHASE1
Q1
Q2
POWERGOOD
FB1
COMP1
VIN2
NC
GND2
NC
V33
NC
DRIVE3
FB3
VOUT2
FB2
C47
VOUT3
VOUT2
C43-46
C24-36
HIP6017
Q3
L3
+
+
+
+
+
C16
L1
F1
C1-4
C15
C18
R2
VOUT1
R4
R8
C40
C41
C42
R10
R9
C48
R11
R12
R13
R14
270
µF
4x1000
µF
C19
1000
µF
1
µH
4x1000
µF
1
µF
1
µF
1000pF
HUF76139S3S
HUF76139S3S
7x1000
µF
0.039
µF
1.3K
2.9
µH
0.68
µF
10pF
0.01
µF
4.99K
2.21K
150K
732K
GND
1.87K
10K
10K
10K
HUF75307D3S
VID1
VID2
VID3
VID4
VID0
(1.8 TO 3.5V)
(1.5V)
(2.5V)
15A
FAULT/RT
1
2
28
9
23
8
27
26
25
24
22
21
15
10
11
20
17
13
14
16
12
3
4
5
6
7
19
18
+3.3VIN
FIGURE 15. APPLICATION CIRCUIT
HIP6017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com