Electronic Components Datasheet Search
  English  ▼

X  

ICS87354AMI Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # ICS87354AMI
Description  -2.5V/ 3.3V LVPECL CLOCK GENERATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS87354AMI Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  ICS87354AMI Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS87354AMI Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS87354AMI Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS87354AMI Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS87354AMI Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS87354AMI Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS87354AMI Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS87354AMI Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS87354AMI Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
87354AMI
www.icst.com/products/hiperclocks.html
REV. A JUNE 27, 2003
5
Integrated
Circuit
Systems, Inc.
ICS87354I
÷4/÷5 DIFFERENTIAL-TO-2.5V/3.3V
LVPECL CLOCK GENERATOR
PRELIMINARY
PARAMETER MEASUREMENT INFORMATION
OUTPUT RISE/FALL TIME
DIFFERENTIAL INPUT LEVEL
3.3V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
nQx
LVPECL
V
CC = 2V
t
PD
PROPAGATION DELAY
V
EE
= -1.8V ± -0.375V
Clock
Outputs
20%
80%
80%
20%
tR
t F
VSWING
V
CMR
Cross Points
V
PP
V
CC
V
EE
CLK
nCLK
CLK
nCLK
Q
nQ
tsk(pp)
nQx
Qx
nQy
Qy
PART 1
PART 2
PART-TO-PART SKEW
OUTPUT SKEW
tsk(o)
nQx
Qx
nQy
Qy



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com