Electronic Components Datasheet Search
  English  ▼

X  

FSB50550B Datasheet(PDF) 9 Page - ON Semiconductor

Part # FSB50550B
Description  Motion SPM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB50550B Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FSB50550B Datasheet HTML 5Page - ON Semiconductor FSB50550B Datasheet HTML 6Page - ON Semiconductor FSB50550B Datasheet HTML 7Page - ON Semiconductor FSB50550B Datasheet HTML 8Page - ON Semiconductor FSB50550B Datasheet HTML 9Page - ON Semiconductor FSB50550B Datasheet HTML 10Page - ON Semiconductor FSB50550B Datasheet HTML 11Page - ON Semiconductor FSB50550B Datasheet HTML 12Page - ON Semiconductor FSB50550B Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Semiconductor Components Industries, LLC, 2017
www.fairchildsemi.com
FSB50550B / FSB50550BS . Rev. 1.2
www.onsemi.com
8
Figure 11. Example of Application Circuit
Notes:
13. About pin position, refer to Figure 1.
14. RC-coupling (R5 and C5, R4 and C6) and C4 at each input of Motion SPM® 5 product and MCU are useful to prevent improper input signal caused by surge-noise.
15. The voltage-drop across R3 affects the low-side switching performance and the bootstrap characteristics since it is placed between COM and the source terminal of the low-
side MOSFET. For this reason, the voltage-drop across R3 should be less than 1 V in the steady-state.
16. Ground-wires and output terminals, should be thick and short in order to avoid surge-voltage and malfunction of HVIC.
17. All the filter capacitors should be connected close to Motion SPM 5 product, and they should have good characteristics for rejecting high-frequency ripple current.
COM
VDD
LIN
HIN
VB
HO
VS
LO
COM
VDD
LIN
HIN
VB
HO
VS
LO
COM
VDD
LIN
HIN
VB
HO
VS
LO
(1 ) COM
(2 ) VB(U)
(3 ) VDD(U)
(4 ) IN(UH)
(5 ) IN(UL)
(6 ) N.C
(7 ) VB(V)
(8 ) VDD(V)
(9 ) IN(VH)
(10) IN(VL)
(11) VTS
(12) VB(W)
(13) VDD(W)
(14) IN(WH)
(15) IN(WL)
(16) N.C
(17) P
(18) U , VS(U)
(19) NU
(22) NW
C1
15 V
Supply
C3
VDC
C2
R3
R4
C6
R5
C5
For current-sensing and protection
VTS
(21) V , VS(V)
(20) NV
(23) W, VS(W)
C
4
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com