Electronic Components Datasheet Search
  English  ▼

X  

FSB50550BS Datasheet(PDF) 2 Page - ON Semiconductor

Part # FSB50550BS
Description  Motion SPM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB50550BS Datasheet(HTML) 2 Page - ON Semiconductor

  FSB50550BS Datasheet HTML 1Page - ON Semiconductor FSB50550BS Datasheet HTML 2Page - ON Semiconductor FSB50550BS Datasheet HTML 3Page - ON Semiconductor FSB50550BS Datasheet HTML 4Page - ON Semiconductor FSB50550BS Datasheet HTML 5Page - ON Semiconductor FSB50550BS Datasheet HTML 6Page - ON Semiconductor FSB50550BS Datasheet HTML 7Page - ON Semiconductor FSB50550BS Datasheet HTML 8Page - ON Semiconductor FSB50550BS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Semiconductor Components Industries, LLC, 2017
www.fairchildsemi.com
FSB50550B / FSB50550BS . Rev. 1.2
www.onsemi.com
1
February 2017
FSB50550B / FSB50550BS
Motion SPM® 5 Series
Features
• UL Certified No. E209204 (UL1557)
• Optimized for over 10 kHz Switching Frequency
• 500 V FRFET MOSFET 3-Phase Inverter with Gate
Drivers and Protection
• Built-In Bootstrap Diodes Simplify PCB Layout
• Separate Open-Source Pins from Low-Side MOSFETs
for Three-Phase Current-Sensing
• Active-HIGH Interface, Works with 3.3 / 5 V Logic,
Schmitt-trigger Input
• Optimized for Low Electromagnetic Interference
• HVIC Temperature-Sensing Built-In for Temperature
Monitoring
• HVIC for Gate Driving and Under-Voltage Protection
• Isolation Rating: 1500 Vrms / min.
• RoHS Complia
• Moisture Sensitive Level (MSL) 3 for SMD PKG
Applications
• 3-Phase Inverter Driver for Small Power AC Motor
Drives
Related Source
• RD-FSB50450AS - Reference Design for Motion SPM
5 Series Ver.2
• AN-9082 - Motion SPM5 Series Thermal Performance
by Contact Pressure
General Description
The FSB50550B / FSB50550BS is an advanced Motion
SPM® 5 module providing a fully-featured, high-
performance inverter output stage for AC Induction,
BLDC
and
PMSM
motors.
These
modules
integrate optimized gate drive of the built-in MOSFETs
(FRFET® technology) to minimize EMI and losses, while
also providing multiple on-module protection features
including under-voltage lockouts and thermal monitoring.
The built-in high-speed HVIC requires only a single
supply voltage and translates the incoming logic-level
gate inputs to the high-voltage, high-current drive signals
required to properly drive the module's internal
MOSFETs. Separate open-source MOSFET terminals
are available for each phase to support the widest
variety of control algorithms.
Figure 1. 3D Package Drawing
(Click to Activate 3D Content)
Package Marking & Ordering Information
< FSB50550B >
<FSB50550BS >
Device
Device Marking
Package
Packing Type
Reel Size
Quantity
FSB50550B
FSB50550B
SPM5P-023
Rail
NA
15
FSB50550BS
FSB50550BS
SPM5Q-023
Tape & Reel
330mm
450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com