Electronic Components Datasheet Search
  English  ▼

X  

MAX5236 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5236
Description  Single-Supply 3V/5V, Voltage-Output, Dual, Precision 10-Bit DACs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5236 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5236 Datasheet HTML 9Page - Maxim Integrated Products MAX5236 Datasheet HTML 10Page - Maxim Integrated Products MAX5236 Datasheet HTML 11Page - Maxim Integrated Products MAX5236 Datasheet HTML 12Page - Maxim Integrated Products MAX5236 Datasheet HTML 13Page - Maxim Integrated Products MAX5236 Datasheet HTML 14Page - Maxim Integrated Products MAX5236 Datasheet HTML 15Page - Maxim Integrated Products MAX5236 Datasheet HTML 16Page - Maxim Integrated Products MAX5236 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Unipolar Output
Figure 7 shows the MAX5236/MAX5237 configured for
unipolar, rail-to-rail operation with a gain of 1.6384V/V.
The MAX5237 produces a 0 to 4.092V output with 2.5V
reference, while the MAX5236 produces a range of 0 to
2.046V output with a 1.25V reference. Table 4 lists the
unipolar output codes.
Bipolar Output
The MAX5236/MAX5237 can be configured for a bipo-
lar output, as shown in Figure 8. The output voltage is
given by the equation:
VOUT = VREF [((1.6348 x NB) / 1024) - 1]
where NB represents the numeric value of the DAC’s
binary input code. Table 5 shows digital codes and the
corresponding output voltage for Figure 8’s circuit.
Using an AC Reference
In applications where the reference has an AC signal
component, the MAX5236/MAX5237 have multiplying
capabilities within the reference input voltage range
specifications. Figure 9 shows a technique for applying
a sinusoidal input to REF_, where the AC signal is offset
before being applied to the reference input.
Digital Calibration and
Threshold Selection
Figure 10 shows the MAX5236/MAX5237 in a digital
calibration application. With a bright light value applied
to the photodiode (on), the DAC is digitally ramped until
it trips the comparator. The microprocessor (µP) stores
this “high” calibration value. Repeat the process with a
dim light (off) to obtain the dark current calibration. The
µP then programs the DAC to set an output voltage at
Single-Supply 3V/5V, Voltage-Output, Dual,
Precision 10-Bit DACs
______________________________________________________________________________________
13
16-BIT SERIAL WORD
C2
C1
C0
D9..............D0
S2, S1,
S0*
FUNCTION
0
0
1
10-bit DAC data
000
Load input register A; DAC registers are unchanged.
0
1
0
10-bit DAC data
000
Load input register A; all DAC registers are updated.
0
1
1
10-bit DAC data
000
Load all DAC registers from the shift register (start up both DACs
with new data, and load the input registers).
1
0
0
X X X X X X X X X X
000
Update both DAC registers from their respective input registers
(start up both DACs with data previously stored in the input
registers).
1
0
1
10-bit DAC data
000
Load input register B; DAC registers are unchanged.
1
1
0
10-bit DAC data
000
Load input register B; all DAC registers are updated.
1
1
1
P1A P1B X X X X X X X X
000
Power down both DACs respectively according to bits P1A and
P1B (see Table 3). Internal bias remains active.
0
0
0
0 0 1 X X X X X X X
000
Update DAC register A from input register A (start up DAC A with
data previously stored in input register A).
0
0
0
0 1 1 P1A P1B X X X X X
000
Full power-down. Power down the main bias generator and
power down both DACs respectively according to bits P1A and
P1B (see Table 3).
0
0
0
1 0 1 X X X X X X X
000
Update DAC register B from input register B (start up DAC B with
data previously stored in input register B).
0
0
0
1 1 0 P1A X X X X X X
000
Power down DAC A according to bit P1A (see Table 3).
0
0
0
1 1 1 P1B X X X X X X
000
Power down DAC B according to bit P1B (see Table 3).
Table 2. Serial Interface Programming Commands
P1(A/B)
SHUTDOWN MODE
0
Shut down with internal 1k
Ω load to GND
1
Shut down with internal 200k
Ω load to GND
Table 3. P1 Shutdown Modes
X = Don’t care.
* = S2, S1, and S0 must be zero for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com