Electronic Components Datasheet Search
  English  ▼

X  

KAQW614 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # KAQW614
Description  High Voltage, Photo Mos Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

KAQW614 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  KAQW614 Datasheet HTML 1Page - List of Unclassifed Manufacturers KAQW614 Datasheet HTML 2Page - List of Unclassifed Manufacturers KAQW614 Datasheet HTML 3Page - List of Unclassifed Manufacturers KAQW614 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KAQW614S
c 2002 cosmo ELECTRONICS CORPORATION
http://www.cosmo-ic.com
107
Mos Relay Schematic and Wiring Diagrams
Output
Type
Schematic
configuration
Load
Connection
Wiring Diagrams
KAQW614S
1a1b
AC/DC
–
Electro-optical Characteristics
(Ta=25°C)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Emitter (Input)
Forward Voltage
VF
IF =10mA
1.8
2.0
V
Operation Input Current
IFON(N.O)
VL =±20V, IL =100mA (N.O)
5
mA
IFON(N.C)
VL =±20V, IL ≤5uA (N.C)
t = 10mS
Recovery Input Current
IFON(N.O)
VL =±20V, IL ≤5uA (N.O)
0.2
mA
IFON(N.C)
VL =±20V, IL =100mA (N.C)
t = 10mS
Detector (Output) normally close
Output Breakdown Voltage
VB
IB=50uA
400
V
Output Off-State Leakage
ITOFF
VT =100V, IF =0mA
0.2
2
uA
I/O Capacitance
CISO
IF =0, f =1MHZ
6pF
ON Resistance
RON
IL =100mA, IF =10mA
40
50
Ω
Reverse (ON) Time
TON
IF =10mA, VL =±20V
0.6
1.5
ms
Operate (OFF) Time
TOFF
t =10ms, IL =±100mA
0.3
1.0
ms
Detector (Output) normally open
Output Breakdown Voltage
VB
IB=50uA
400
V
Output Off-State Leakage
ITOFF
VT =100V, IF =0mA
0.2
1
uA
I/O Capacitance
CISO
IF =0, f =1MHZ
6pF
ON Resistance
RON
IL =100mA, IF =10mA
20
30
Ω
Turn-On Time
TON
IF =10mA, VL =±20V
0.3
1.0
ms
Turn-Off Time
TOFF
t =10ms, IL =±100mA
0.7
1.5
ms
(2) 1 Form A & 1 Form B use
(1) Two independent 1 Form A & 1 Form B use



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com