Electronic Components Datasheet Search
  English  ▼

X  

LM2770 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2770
Description  High Efficiency Switched Capacitor Step-Down DC/DC Regulator with Sleep Mode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2770 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM2770 Datasheet HTML 4Page - National Semiconductor (TI) LM2770 Datasheet HTML 5Page - National Semiconductor (TI) LM2770 Datasheet HTML 6Page - National Semiconductor (TI) LM2770 Datasheet HTML 7Page - National Semiconductor (TI) LM2770 Datasheet HTML 8Page - National Semiconductor (TI) LM2770 Datasheet HTML 9Page - National Semiconductor (TI) LM2770 Datasheet HTML 10Page - National Semiconductor (TI) LM2770 Datasheet HTML 11Page - National Semiconductor (TI) LM2770 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Typical Performance Characteristics Unless otherwise specified: C
IN = 10µF, C1 = 1.0µF, C2 =
1.0µF, C
OUT = 10µF, TA =25
oC. Capacitors are low-ESR multi-layer ceramic capacitors (MLCC’s). (Continued)
Load Regulation: V
OUT = 1.2V
Load Regulation: V
OUT = 1.5V
20126009
20126008
Load Regulation: V
OUT = 1.575V
Output Voltage Ripple
20126020
20126013
VIN = 3.6V, VOUT = 1.5V, IOUT = 200mA
CH1: CIN =COUT = 2x10µF; C1 = C2 = 1µF; Scale: 50mV/Div
CH2: CIN =COUT = 10µF; C1 = C2 = 1µF; Scale: 50mV/Div
Time scale: 4µs/Div
Input Voltage RIpple
Start-up Behavior
20126014
VIN = 3.6V, VOUT = 1.5V, IOUT = 200mA
CH1: CIN =COUT = 2x10µF; C1 = C2 = 1µF; Scale: 50mV/Div
CH2: CIN =COUT = 10µF; C1 = C2 = 1µF; Scale: 50mV/Div
Time scale: 4µs/Div
20126012
VIN = 3.6V, VOUT = 1.5V, Load = 7.5Ω (200mA)
CH1: EN pin; Scale: 1V/Div
CH2: VOUT; Scale: 500mV/Div
Time scale: 40µs/Div
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com