Electronic Components Datasheet Search
  English  ▼

X  

ADD505 Datasheet(PDF) 4 Page - Power Semiconductors

Part # ADD505
Description  RECTIFIER DIODES MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POSEICO [Power Semiconductors]
Direct Link  http://www.poseico.com
Logo POSEICO - Power Semiconductors

ADD505 Datasheet(HTML) 4 Page - Power Semiconductors

  ADD505 Datasheet HTML 1Page - Power Semiconductors ADD505 Datasheet HTML 2Page - Power Semiconductors ADD505 Datasheet HTML 3Page - Power Semiconductors ADD505 Datasheet HTML 4Page - Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ADD505 RECTIFIER DIODES MODULE
TARGET SPECIFICATION
Mar. 17 - Issue: 1
Distributed by
0
200
400
600
800
1000
1200
1400
1600
1800
0
0,5
1
1,5
2
Forward Voltage [V]
FORWARD CHARACTERISTIC
Tj = 140 °C
0
10
20
30
40
50
60
70
80
0,001
0,01
0,1
1
10
100
t[s]
TRANSIENT THERMAL IMPEDANCE
0
2
4
6
8
10
12
14
1
10
100
n° cycles
SURGE CHARACTERISTIC
Tj = 140 °C
All the characteristics given in this data sheet are guaranteed only with uniform clamping
force, cleaned and lubricated heatsink, surfaces with flatness < .03 mm and roughness < 2
µm.
In the interest of product improvement POSEICO SpA reserves the right to change any
data given in this data sheet at any time without previous notice.
If not stated otherwise the maximum value of ratings (simbols over shaded background)
and characteristics is reported.
(A)
2
1
3
(AK)
(K)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com