Electronic Components Datasheet Search
  English  ▼

X  

T97 Datasheet(PDF) 12 Page - Vishay Siliconix

Part # T97
Description  Solid Tantalum Chip Capacitors TANTAMOUNT™, Hi-Rel COTS, Ultra-Low ESR, Conformal Coated Case
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T97 Datasheet(HTML) 12 Page - Vishay Siliconix

Back Button T97 Datasheet HTML 8Page - Vishay Siliconix T97 Datasheet HTML 9Page - Vishay Siliconix T97 Datasheet HTML 10Page - Vishay Siliconix T97 Datasheet HTML 11Page - Vishay Siliconix T97 Datasheet HTML 12Page - Vishay Siliconix T97 Datasheet HTML 13Page - Vishay Siliconix T97 Datasheet HTML 14Page - Vishay Siliconix T97 Datasheet HTML 15Page - Vishay Siliconix T97 Datasheet HTML 16Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Conformal Coated Guide
www.vishay.com
Vishay Sprague
Revision: 12-Sep-17
6
Document Number: 40150
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
CARRIER TAPE DIMENSIONS in inches [millimeters]
TAPE WIDTH
W
D0
P2
FE1
E2 min.
8 mm
0.315
+ 0.012 / - 0.004
[8.0 + 0.3 / - 0.1]
0.059
+ 0.004 / - 0
[1.5 + 0.1 / - 0]
0.078 ± 0.0019
[2.0 ± 0.05]
0.14 ± 0.0019
[3.5 ± 0.05]
0.324 ± 0.004
[1.75 ± 0.1]
0.246
[6.25]
12 mm
0.479
+ 0.012 / - 0.004
[12.0 + 0.3 / - 0.1]
0.216 ± 0.0019
[5.5 ± 0.05]
0.403
[10.25]
16 mm
0.635
+ 0.012 / - 0.004
[16.0 + 0.3 / - 0.1]
0.078 ± 0.004
[2.0 ± 0.1]
0.295 ± 0.004
[7.5 ± 0.1]
0.570
[14.25]
24 mm
0.945 ± 0.012
[24.0 ± 0.3]
0.453 ± 0.004
[11.5 ± 0.1]
0.876
[22.25]
CARRIER TAPE DIMENSIONS in inches [millimeters]
TYPE
CASE CODE
TAPE WIDTH
W
IN mm
P1
K0 max.
B1 max.
592D
592W
591D
A8
0.157 ± 0.004
[4.0 ± 0.10]
0.058 [1.47]
0.149 [3.78]
B
12
0.088 [2.23]
0.166 [4.21]
C12
0.315 ± 0.004
[8.0 ± 0.10]
0.088 [2.23]
0.290 [7.36]
D
12
0.088 [2.23]
0.300 [7.62]
M
16
0.091 [2.30]
0.311 [7.90]
R
12
0.088 [2.23]
0.296 [7.52]
S8
0.157 ± 0.004
[4.0 ± 0.10]
0.058 [1.47]
0.139 [3.53]
T
12
0.088 [2.23]
0.166 [4.21]
X24
0.472 ± 0.004
[12.0 ± 0.10]
0.011 [2.72]
0.594 [15.1]
595D
594D
A8
0.157 ± 0.004
[4.0 ± 0.10]
0.063 [1.60]
0.152 [3.86]
B
12
0.088 [2.23]
0.166 [4.21]
C12
0.315 ± 0.004
[8.0 ± 0.10]
0.118 [2.97]
0.290 [7.36]
D
12
0.119 [3.02]
0.296 [7.52]
G
12
0.111 [2.83]
0.234 [5.95]
H
12
0.098 [2.50]
0.232 [5.90]
M12
0.157 ± 0.004
[4.0 ± 0.10]
0.085 [2.15]
0.152 [3.85]
R12
0.315 ± 0.004
[8.0 ± 0.10]
0.148 [3.78]
0.296 [7.52]
S8
0.157 ± 0.004
[4.0 ± 0.10]
0.058 [1.47]
0.149 [3.78]
T
8
0.054 [1.37]
0.093 [2.36]
695D
A8
0.157 ± 0.004
[4.0 ± 0.10]
0.058 [1.47]
0.139 [3.53]
B
12
0.059 [1.50]
0.189 [4.80]
D
12
0.063 [1.62]
0.191 [4.85]
E
12
0.074 [1.88]
0.239 [6.07]
F12
0.315 ± 0.004
[8.0 ± 0.10]
0.075 [1.93]
0.259 [6.58]
G12
0.157 ± 0.004
[4.0 ± 0.10]
0.109 [2.77]
0.301 [7.65]
H16
0.315 ± 0.004
[8.0 ± 0.10]
0.124 [3.15]
0.31 [7.87]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com