Electronic Components Datasheet Search
  English  ▼

X  

CWR16DB156J Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CWR16DB156J
Description  Solid Tantalum Surface Mount Capacitors TANTAMOUNT™ Conformal Coated, Extended Range, Military, MIL-PRF-55365/13 Qualified
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CWR16DB156J Datasheet(HTML) 2 Page - Vishay Siliconix

  CWR16DB156J Datasheet HTML 1Page - Vishay Siliconix CWR16DB156J Datasheet HTML 2Page - Vishay Siliconix CWR16DB156J Datasheet HTML 3Page - Vishay Siliconix CWR16DB156J Datasheet HTML 4Page - Vishay Siliconix CWR16DB156J Datasheet HTML 5Page - Vishay Siliconix CWR16DB156J Datasheet HTML 6Page - Vishay Siliconix CWR16DB156J Datasheet HTML 7Page - Vishay Siliconix CWR16DB156J Datasheet HTML 8Page - Vishay Siliconix CWR16DB156J Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
CWR16
www.vishay.com
Vishay Sprague
Revision: 26-Jan-16
2
Document Number: 40094
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CASE CODES
μF
4 V
6 V
10 V
15 V
20 V
25 V
35 V
0.33
A
0.47
A
0.68
A
1.0
A
A
B
1.5
A
B
2.2
A
A
B
D
3.3
AAA
B
D
E
4.7
A
A
B / C
B / C / D
E
6.8
A
B
B / C / D
D / E
E
F
G
10
B
B
B / C / D / E
D / E
E / F
H
15
B
B / D / E
D / E
E / F
F
G
H
22
B / D
D / E
E
F
G
G / H
33
D / E
E
F
F / G
H
H
47
E
F
F / G
G / H
H
68
E
F / G
G
G / H
100
F
G
G / H
H
150
G
G
H
220
H
H
H
330
H
H
MARKING AND POLARITY
Conformal coated capacitors have no marking on capacitor body.
Rating and date code information is provided on the reel label.
Negative end cap or termination is identified by black epoxy.
Positive end cap or termination is sealed with pink epoxy, in addition
to the weld projection.
STANDARD RATINGS
CAPACITANCE
(μF)
CASE
CODE
PART NUMBER
MAX. DCL (μA) AT
MAX. DF (%) AT
MAX. ESR
AT +25 °C
100 kHz
(
)
+25 °C
+85 °C
+125 °C
+25 °C
+85 °C
+125 °C
-55 °C
4 VDC AT +85 °C; 2.7 VDC AT +125 °C
3.3
A
CWR16C(1)335(2)(3)A(4)(5)
1
10
12
6
8
8
12.0
4.7
A
CWR16C(1)475(2)(3)A(4)(5)
1
10
12
6
8
8
12.0
6.8
A
CWR16C(1)685(2)(3)A(4)(5)
1
10
12
6
8
8
12.0
10
B
CWR16C(1)106(2)(3)B(4)(5)
1
10
12
8
10
10
8.0
15
B
CWR16C(1)156(2)(3)B(4)(5)
1
10
12
8
10
10
8.0
22
B
CWR16C(1)226(2)(3)B(4)(5)
1
10
12
8
10
10
8.0
22
D
CWR16C(1)226(2)(3)D(4)(5)
1
10
12
8
10
12
4.0
33
D
CWR16C(1)336(2)(3)D(4)(5)
2
20
24
8
10
12
4.0
33
E
CWR16C(1)336(2)(3)E(4)(5)
2
20
24
8
10
12
3.0
47
E
CWR16C(1)476(2)(3)E(4)(5)
2
20
24
8
10
12
3.0
68
E
CWR16C(1)686(2)(3)E(4)(5)
3
30
36
8
10
12
3.0
100
F
CWR16C(1)107(2)(3)F(4)(5)
4
40
48
10
12
12
2.0
150
G
CWR16C(1)157(2)(3)G(4)(5)
6
60
72
10
12
12
1.0
220
H
CWR16C(1)227(2)(3)H(4)(5)
8
80
96
10
12
12
1.0
330
H
CWR16C(1)337(2)(3)H(4)(5)
10
100
120
10
12
12
0.9
Note
• Part number definitions:
(1) Termination finish: B, C, H, K
(2) Capacitance tolerance: J, K, M
(3) Failure rate: B, C, T
(4) Surge current: A, B, C, Z
(5) Packaging: blank, /FA, /HR, /PR, /TR
Cathode
termination
Black epoxy
Pink epoxy
Anode
termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com