Electronic Components Datasheet Search
  English  ▼

X  

LTC1609IG Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1609IG
Description  16-Bit, 200ksps, Serial ADC with Multiple Input Ranges
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1609IG Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1609IG Datasheet HTML 7Page - Linear Technology LTC1609IG Datasheet HTML 8Page - Linear Technology LTC1609IG Datasheet HTML 9Page - Linear Technology LTC1609IG Datasheet HTML 10Page - Linear Technology LTC1609IG Datasheet HTML 11Page - Linear Technology LTC1609IG Datasheet HTML 12Page - Linear Technology LTC1609IG Datasheet HTML 13Page - Linear Technology LTC1609IG Datasheet HTML 14Page - Linear Technology LTC1609IG Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
LTC1609
1609fa
Figure 3b. Offset/Gain Circuits for Bipolar Input Ranges
Table 1b. Analog Input Range Connections for Figure 3b
ANALOG INPUT
CONNECT R1IN
CONNECT R2IN
CONNECT R3IN
INPUT
RANGE
VIA 200
Ω TO
VIA 100
Ω TO
TO
IMPEDANCE
±10V
VIN
AGND
CAP
22.9k
Ω
±5V
AGND
VIN
CAP
13.3k
Ω
±3.3V
VIN
VIN
CAP
10.7k
Ω
APPLICATIO S I FOR ATIO
+
+
2.2
µF
2.2
µF
33.2k
100
Ω
200
Ω
VIN
+
R1IN
AGND1
R2IN
R3IN
CAP
REF
AGND2
2.2
µF
+
2.2
µF
50k
33.2k
100
Ω
576k
200
Ω
5V
50k
OFFSET
TRIM
OFFSET
TRIM
GAIN
TRIM
GAIN
TRIM
OFFSET
TRIM
GAIN
TRIM
5V
LTC1609
R1IN
AGND1
R2IN
R3IN
CAP
REF
AGND2
LTC1609
±10V
±5V
±3.3V
WITHOUT TRIM
INPUT RANGE
WITH TRIM
(ADJUST OFFSET FIRST AT 0V, THEN ADJUST GAIN)
VIN
+
+
2.2
µF
2.2
µF
33.2k
200
Ω
100
Ω
VIN
+
R1IN
AGND1
R2IN
R3IN
CAP
REF
AGND2
2.2
µF
+
2.2
µF
50k
33.2k
200
Ω
100
Ω
576k
5V
50k
5V
LTC1609
R1IN
AGND1
R2IN
R3IN
CAP
REF
AGND2
LTC1609
VIN
+
+
2.2
µF
2.2
µF
33.2k
100
Ω
200
Ω
VIN
+
R1IN
AGND1
R2IN
R3IN
CAP
REF
AGND2
2.2
µF
1609 F03b
+
2.2
µF
50k
33.2k
100
Ω
200
Ω
576k
5V
50k
5V
LTC1609
R1IN
AGND1
R2IN
R3IN
CAP
REF
AGND2
LTC1609
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com