Electronic Components Datasheet Search
  English  ▼

X  

AD6642BBCZRL Datasheet(PDF) 16 Page - Analog Devices

Part # AD6642BBCZRL
Description  Dual IF Receiver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6642BBCZRL Datasheet(HTML) 16 Page - Analog Devices

Back Button AD6642BBCZRL Datasheet HTML 12Page - Analog Devices AD6642BBCZRL Datasheet HTML 13Page - Analog Devices AD6642BBCZRL Datasheet HTML 14Page - Analog Devices AD6642BBCZRL Datasheet HTML 15Page - Analog Devices AD6642BBCZRL Datasheet HTML 16Page - Analog Devices AD6642BBCZRL Datasheet HTML 17Page - Analog Devices AD6642BBCZRL Datasheet HTML 18Page - Analog Devices AD6642BBCZRL Datasheet HTML 19Page - Analog Devices AD6642BBCZRL Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
AD6642
Rev. A | Page 15 of 32
EQUIVALENT CIRCUITS
VIN
AVDD
Figure 22. Equivalent Analog Input Circuit
0.9V
15kΩ
15kΩ
CLK+
CLK–
AVDD
AVDD
AVDD
Figure 23. Equivalent Clock Input Circuit
DRVDD
DATAOUT+
V–
V+
DATAOUT–
V+
V–
Figure 24. Equivalent LVDS Output Circuit
AVDD
AVDD
16kΩ
0.9V
0.9V
SYNC
Figure 25. Equivalent SYNC Input Circuit
SCLK
OR
PDWN
350Ω
30kΩ
Figure 26. Equivalent SCLK and PDWN Input Circuit
CSB
OR
MODE
350Ω
30kΩ
AVDD
Figure 27. Equivalent CSB and MODE Input Circuit
SDIO
350Ω
30kΩ
DRVDD
Figure 28. Equivalent SDIO Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com