Electronic Components Datasheet Search
  English  ▼

X  

AD6649 Datasheet(PDF) 19 Page - Analog Devices

Part # AD6649
Description  IF Diversity Receiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6649 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD6649 Datasheet HTML 15Page - Analog Devices AD6649 Datasheet HTML 16Page - Analog Devices AD6649 Datasheet HTML 17Page - Analog Devices AD6649 Datasheet HTML 18Page - Analog Devices AD6649 Datasheet HTML 19Page - Analog Devices AD6649 Datasheet HTML 20Page - Analog Devices AD6649 Datasheet HTML 21Page - Analog Devices AD6649 Datasheet HTML 22Page - Analog Devices AD6649 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
AD6649
Data Sheet
Rev. C | Page 18 of 40
Differential Input Configurations
Optimum performance is achieved while driving the AD6649
in a differential input configuration. For baseband applications,
the AD8138, ADA4937-2, ADA4938-2, and ADA4930-2
differential drivers provide excellent performance and a flexible
interface to the ADC.
The output common-mode voltage of the ADA4930-2 is easily
set with the VCM pin of the AD6649 (see Figure 27), and the
driver can be configured in a Sallen-Key filter topology to
provide band-limiting of the input signal.
VIN
76.8Ω
120Ω
0.1µF
200Ω
200Ω
90Ω
33Ω
33Ω
15Ω
15Ω
5pF
15pF
0.1µF
15pF
33Ω
ADC
VIN–
VIN+
VCM
ADA4930-2
Figure 27. Differential Input Configuration Using the ADA4930-2
For baseband applications where SNR is a key parameter,
differential transformer coupling is the recommended input
configuration. An example is shown in Figure 28. To bias the
analog input, the VCM voltage can be connected to the center
tap of the secondary winding of the transformer.
2V p-p
49.9Ω
0.1µF
R1
R1
C1
ADC
VIN+
VIN–
VCM
C2
R2
R3
R2
C2
R3
0.1µF
33Ω
Figure 28. Differential Transformer-Coupled Configuration
The signal characteristics must be considered when selecting
a transformer. Most RF transformers saturate at frequencies
below a few megahertz. Excessive signal power can also cause
core saturation, which leads to distortion.
At input frequencies in the second Nyquist zone and above, the
noise performance of most amplifiers is not adequate to achieve
the true SNR performance of the AD6649. For applications where
SNR is a key parameter, differential double balun coupling is
the recommended input configuration (see Figure 30). In this
configuration, the input is ac-coupled and the CML is provided
to each input through a 33 Ω resistor. These resistors compensate
for losses in the input baluns to provide a 50 Ω impedance to
the driver.
In the double balun and transformer configurations, the value of
the input capacitors and resistors is dependent on the input fre-
quency and source impedance. Based on these parameters the
value of the input resistors and capacitors may need to be adjusted
or some components may need to be removed. Table 9 displays
recommended values to set the RC network for different input
frequency ranges. However, these values are dependent on the
input signal and bandwidth and should be used only as a starting
guide. Note that the values given in Table 9 are for each R1, R2,
C2, and R3 component shown in Figure 28 and Figure 30.
Table 9. Example RC Network
Frequency
Range
(MHz)
R1
Series
(Ω)
C1
Differential
(pF)
R2
Series
(Ω)
C2
Shunt
(pF)
R3
Shunt
(Ω)
0 to 100
33
8.2
0
15
49.9
100 to 250
15
3.9
0
8.2
49.9
An alternative to using a transformer-coupled input at frequencies
in the second Nyquist zone is to use an amplifier with variable
gain. The AD8375 or AD8376 digital variable gain amplifier
(DVGAs) provides good performance for driving the AD6649.
Figure 29 shows an example of the AD8376 driving the AD6649
through a band-pass antialiasing filter.
AD8376
AD6649
1µH
1µH
1nF
1nF
VPOS
VCM
15pF
68nH
2.5kΩ║2pF
301Ω
165Ω
165Ω
5.1pF
3.9pF
180nH
1000pF
1000pF
NOTES
1. ALL INDUCTORS ARE COILCRAFT® 0603CS COMPONENTS
WITH THE EXCEPTION OF THE 1µH CHOKE INDUCTORS (COILCRAFT 0603LS).
2. FILTER VALUES SHOWN ARE FOR A 20MHz BANDWIDTH FILTER
CENTERED AT 140MHz.
180nH
220nH
220nH
Figure 29. Differential Input Configuration Using the AD8376
ADC
R1
0.1µF
0.1µF
2V p-p
VIN+
VIN–
VCM
C1
R1
R2
R2
0.1µF
S
0.1µF
33Ω
33Ω
S
PA
P
C2
R3
C2
R3
0.1µF
33Ω
Figure 30. Differential Double Balun Input Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com