Electronic Components Datasheet Search
  English  ▼

X  

AD9993 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9993
Description  Integrated Mixed-Signal Front End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9993 Datasheet HTML 8Page - Analog Devices AD9993 Datasheet HTML 9Page - Analog Devices AD9993 Datasheet HTML 10Page - Analog Devices AD9993 Datasheet HTML 11Page - Analog Devices AD9993 Datasheet HTML 12Page - Analog Devices AD9993 Datasheet HTML 13Page - Analog Devices AD9993 Datasheet HTML 14Page - Analog Devices AD9993 Datasheet HTML 15Page - Analog Devices AD9993 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
Data Sheet
AD9993
Rev. A | Page 11 of 56
TYPICAL PERFORMANCE CHARACTERISTICS
RECEIVER ADC PERFORMANCE
fADC = 250 MHz, unless otherwise specified.
Figure 3. Single Tone FFT, fIN = 87 MHz
Figure 4. Single Tone SNR and SFDR vs. Input Amplitude (AIN), fIN = 87 MHz
Figure 5. Two Tone SFDR vs. Input Amplitude (AIN), fIN1 = 89.12 MHz,
fIN2 = 92.12 MHz
Figure 6. Two Tone IMD3 vs. Input Amplitude (AIN), fIN1 = 89.12 MHz, fIN2 =
92.12 MHz
Figure 7. Single Tone SNR vs. Input Frequency (fIN)
Figure 8. Single Tone SNR vs. Input Frequency (fIN)
0
15
30
45
3
6
5
2
4
60
75
FREQUENCY (MHz)
90
105
120
–15
–30
–45
–60
–75
–90
–105
–120
–135
120
–90
–80
–70
–60
–50
INPUT AMPLITUDE (dBFS)
–40
–30
–20
–10
0
100
80
60
40
20
0
SNR (dBc)
SNR (dBFS)
SFDR (dBc)
SFDR (dBFS)
0
–20
–40
–60
–80
–100
–120
–90
–80
–70
–60
–50
INPUT AMPLITUDE (dBFS)
–40
–30
–20
–10
SFDR (dBc)
SFDR (dBFS)
–20
–40
–60
–80
–100
–120
–90
–80
–70
–60
–50
INPUT AMPLITUDE (dBFS)
–40
–30
–20
–10
IMD3 (dBc)
IMD3 (dBFS)
65
70
75
80
85
90
95
20
40
60
80
fIN (MHz)
100
120
65
70
75
80
85
90
95
20
40
60
80
fIN (MHz)
100
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com