Electronic Components Datasheet Search
  English  ▼

X  

AD9993BBCZ Datasheet(PDF) 50 Page - Analog Devices

Part # AD9993BBCZ
Description  Integrated Mixed-Signal Front End
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9993BBCZ Datasheet(HTML) 50 Page - Analog Devices

Back Button AD9993BBCZ Datasheet HTML 46Page - Analog Devices AD9993BBCZ Datasheet HTML 47Page - Analog Devices AD9993BBCZ Datasheet HTML 48Page - Analog Devices AD9993BBCZ Datasheet HTML 49Page - Analog Devices AD9993BBCZ Datasheet HTML 50Page - Analog Devices AD9993BBCZ Datasheet HTML 51Page - Analog Devices AD9993BBCZ Datasheet HTML 52Page - Analog Devices AD9993BBCZ Datasheet HTML 53Page - Analog Devices AD9993BBCZ Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 57 page
background image
Data Sheet
AD9993
Rev. A | Page 49 of 56
BITS[7:0] OF TEMPERATURE SENSOR DATA READBACK REGISTER
Address: 0x050, Reset: 0x00, Name: TS_RD_LSB
Table 56. Bit Descriptions for TS_RD_LSB
Bits
Bit Name
Description
Reset
Access
[7:0]
TEMP_SENSE_RDBK_LSB
Temperature sensor measurement MSB.
0x0
R
BITS[15:8] OF TEMPERATURE SENSOR DATA READBACK REGISTER
Address: 0x051, Reset: 0x00, Name: TS_RD_MSB
Table 57. Bit Descriptions for TS_RD_MSB
Bits
Bit Name
Description
Reset
Access
[7:0]
TEMP_SENSE_RDBK_MSB
Temperature sensor neasurement LSB.
0x0
R
TEMPERATURE SENSOR CONTROL SIGNALS REGISTER
Address: 0x054, Reset: 0x01, Name: TS_CTRL
Table 58. Bit Descriptions for TS_CTRL
Bits
Bit Name
Description
Reset
Access
0
TEMP_SENSE_PD
Turn off temperature sensor.
0x1
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com