Electronic Components Datasheet Search
  English  ▼

X  

ADF9010BCPZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADF9010BCPZ
Description  900 MHz ISM Band Analog RF Front End
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF9010BCPZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADF9010BCPZ Datasheet HTML 8Page - Analog Devices ADF9010BCPZ Datasheet HTML 9Page - Analog Devices ADF9010BCPZ Datasheet HTML 10Page - Analog Devices ADF9010BCPZ Datasheet HTML 11Page - Analog Devices ADF9010BCPZ Datasheet HTML 12Page - Analog Devices ADF9010BCPZ Datasheet HTML 13Page - Analog Devices ADF9010BCPZ Datasheet HTML 14Page - Analog Devices ADF9010BCPZ Datasheet HTML 15Page - Analog Devices ADF9010BCPZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
ADF9010
Rev. 0 | Page 11 of 28
9
8
7
6
5
4
3
2
1
0
1
100
10
INPUT FREQUENCY (MHz)
–40°C 3.15V POUT
–40°C 3.3V POUT
–40°C 3.45V POUT
+85°C 3.15V POUT
+85°C 3.3V POUT
+85°C 3.45V POUT
+25°C 3.15V POUT
+25°C 3.3V POUT
+25°C 3.45V POUT
Figure 10. Single Sideband Power vs. Baseband Input Frequency, with
Supply and Temperature Variations; Maximum Gain Setting Selected;
LO Frequency = 900 MHz
20
0
–20
–40
–60
–80
–100
10k
10M
100k
1M
FREQUENCY (Hz)
Fc 330KHz
Fc 1MHz
Fc 2MHz
BYPASS
Figure 11. Rx Filter Performance, Power vs. Input Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com