Electronic Components Datasheet Search
  English  ▼

X  

F960 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # F960
Description  Expanded Beam Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

F960 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  F960 Datasheet HTML 1Page - Bel Fuse Inc. F960 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
F960 Expanded Beam Connector
Fiber Optic Connectors
F960 expanded beam fiber optic connectors are fully compatible with
other Eurocom type II legacy connectors. Designed specifically for military
tactical communications, the F960 connector is available with 2, 4, 8 or
12 multimode optical channels and features a unique “pinless” alignment
technique providing flat, easily cleanable mating surfaces.
The connectors are terminated using an epoxy-polish ferrule termination
process with standard fiber optic termination tools and equipment. The
terminated ferrules are simply inserted into the
expanded beam housing and fixed in place via a spring and cover-plate.
Ferrule alignment to the lenses is achieved automatically by the unique
optical arrangement developed and patented by Cinch-Fibreco.
In the event of the connector suffering severe damage in use, the
connector design enables replacement of the expanded beam insert /
connector front body and grip ring without the need to re-terminate the
fibers. Typically, an expanded beam insert can be replaced within 30
minutes in field conditions.
The F960 expanded beam connectors offer high performance, flexibility
and cost effectiveness, combined with a simple termination process
allowing rapid in-field termination and repair where compatibility with
legacy products is essential.
Key Features & Benefits
• Eurocom type II compatibility
• 2, 4, 8 or 12 Multimode optical channels
• Low insertion loss
• Field terminable / repairable
• Hermaphroditic design
• Fully sealed (IP68)
Fibreco
12 Flitch Industrial Estate
Chelmsford Road
Great Dunmow, Essex CM61XJ UK
+44 (0)1371 873 334
sales@fibreco.co.uk
cinch.com
© 2015 Cinch Connectors, Inc.
fcdf960v01.15


Similar Part No. - F960

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
F96-017-230-AGGAA MITSUMI-F96-017-230-AGGAA Datasheet
164Kb / 4P
Detach Connectors
logo
FCI connector
F965000 FCI-CONNECTOR-F965000 Datasheet
73Kb / 2P
CMC sealed Full interconnect
More results

Similar Description - F960

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
185-900-A02-C-50 GLENAIR-185-900-A02-C-50 Datasheet
201Kb / 1P
Expanded Beam Fiber Optic Bulkhead Connector
185-900-A06-C-50 GLENAIR-185-900-A06-C-50 Datasheet
201Kb / 1P
Expanded Beam Fiber Optic Connector
185-900-A07-C-50 GLENAIR-185-900-A07-C-50 Datasheet
201Kb / 1P
Expanded Beam Fiber Optic Bulkhead Connector
185-960-A06-C-50 GLENAIR-185-960-A06-C-50 Datasheet
193Kb / 1P
Expanded Beam Fiber Optic Connector
185-960-A07-C-50 GLENAIR-185-960-A07-C-50 Datasheet
192Kb / 1P
Expanded Beam Fiber Optic Bulkhead Connector
185-HMA-A02-C-50 GLENAIR-185-HMA-A02-C-50 Datasheet
211Kb / 1P
Expanded Beam Fiber Optic Connector
185-HMA-A06-C-50 GLENAIR-185-HMA-A06-C-50 Datasheet
211Kb / 1P
Expanded Beam Fiber Optic Connector
185-HMA-A07-C-50 GLENAIR-185-HMA-A07-C-50 Datasheet
211Kb / 1P
Expanded Beam Fiber Optic Connector
logo
Bel Fuse Inc.
D38999 BEL-D38999 Datasheet
694Kb / 2P
Expanded Beam Connectors
F900 BEL-F900 Datasheet
638Kb / 2P
Expanded Beam Connector Fiber Optic Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com