Electronic Components Datasheet Search
  English  ▼

X  

NJM2386 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2386
Description  LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2386 Datasheet(HTML) 2 Page - New Japan Radio

  NJM2386 Datasheet HTML 1Page - New Japan Radio NJM2386 Datasheet HTML 2Page - New Japan Radio NJM2386 Datasheet HTML 3Page - New Japan Radio NJM2386 Datasheet HTML 4Page - New Japan Radio NJM2386 Datasheet HTML 5Page - New Japan Radio NJM2386 Datasheet HTML 6Page - New Japan Radio NJM2386 Datasheet HTML 7Page - New Japan Radio NJM2386 Datasheet HTML 8Page - New Japan Radio NJM2386 Datasheet HTML 9Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NJM2386/88
- 2 -
Ver.2004-06-21
!
OUTPUT VOLTAGE RANK LIST
Device Name
VOUT
Device Name
VOUT
NJM2386DL2-33
3.3V
NJM2388F33
3.3V
NJM2386DL2-05
5.0V
NJM2388F05
5.0V
NJM2386DL2-63
6.3V
NJM2388F63
6.3V
NJM2386DL2-08
8.0V
NJM2388F08
8.0V
NJM2386DL2-09
9.0V
NJM2388F84
8.4V
NJM2386DL2-12
12.0V
NJM2388F09
9.0V
NJM2388F12
12.0V
!
ABSOLUTE MAXIMUM RATINGS
(Ta=25
°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
+35
V
Control Voltage
VCONT
+35(*1)
V
Output Current
Io
1.0
A
NJM2386
10(Tc
≤25°C) / 1(Ta≤25°C)
Power Dissipation
PD
NJM2388
18(Tc<50
°C)
W
Operating Junction Temperature Range
Tj
-40
∼ +150
°C
Operating Temperature Range
Topr
-40
∼ +85
°C
Storage Temperature Range
Tstg
-50
∼ +150
°C
(*1): When input voltage is less than +35V, the absolute maximum control voltage is equal to the input voltage.
!
ELECTRICAL CHARACTERISTICS (VIN=VO+1V, Io=0.5A, CIN=0.33
µF, Co=22µF, Ta=25°C)
Measurement is to be conducted is pulse testing.
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
Vo
VIN=VO+1V
-2%
-
+2%
V
Line Regulation
∆Vo-VIN
VIN=VO+1V
∼ VO+17V
-
0.04
0.16
%/V
Load Regulation
∆Vo-Io
VIN=VO+2V,Io=0A
∼1.0A
-
0.2
1.4
%/A
Average Temperature
Coefficient of Output Voltage
∆Vo/∆T
Tj=0
∼ +125°C
-
± 0.02
-
%/
°C
Quiescent Current
IQ
Io=0A
-
-
5
mA
Dropout Voltage
∆VI-O
Io=0.5A
-
0.2
0.5
V
NJM238**33
54
67
-
NJM238**05
54
67
-
NJM238**63
54
67
-
NJM238**08
52
65
-
NJM238**84
52
65
-
NJM238**09
52
65
-
Ripple Rejection
NJM238**12
RR
VIN=VO+2V,
ein=0.5Vrms,f=120Hz
50
63
-
dB
ON Control Voltage
VCONT(ON)
2.0(*2)
-
-
V
OFF Control Voltage
VCONT(OFF)
-
-
0.4
V
ON Control Current
ICONT(ON)
VC=2.7V
-
-
20
µA
OFF Control Current
ICONT(OFF) VC=0.4V
-
-
-20
µA
(*2): When ON/OFF CONTROL Terminal is open, Output Voltage is ON.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com