Electronic Components Datasheet Search
  English  ▼

X  

PE15A63002 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE15A63002
Description  TECHNICAL DATA SHEET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A63002 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE15A63002 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE15A63002 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE15A63002 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE15A63002 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE15A63002 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE15A63002 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
TECHNICAL DATA SHEET
Functional Block Diagram
RF IN
RF OUT
DC Regulator
DC IN
Typical Performance Data
20
21
22
23
24
25
26
27
28
29
30
30
128
226
324
422
520
618
716
814
912
1010
1108
1206
1304
1402
1500
dB
30 MHz
Gain
PE15A63002
PE15A63002 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 39 dBm IP3, 1.6 dB NF, 22 dBm P1dB, 30 MHz to 1.5 GHz, Low Noise Amplifier, 25 dB Gain,
SMA PE15A63002
39 dBm IP3, 1.6 dB NF, 22 dBm P1dB, 30 MHz to
1.5 GHz, Low Noise Amplifier, 25 dB Gain, SMA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com