Electronic Components Datasheet Search
  English  ▼

X  

NJM2801 Datasheet(PDF) 2 Page - New Japan Radio

Part # NJM2801
Description  Low Dropout Voltage Regulator with Reset
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2801 Datasheet(HTML) 2 Page - New Japan Radio

  NJM2801 Datasheet HTML 1Page - New Japan Radio NJM2801 Datasheet HTML 2Page - New Japan Radio NJM2801 Datasheet HTML 3Page - New Japan Radio NJM2801 Datasheet HTML 4Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NJM2801
PRELIMINARY
■ Absolute Maximum Ratings
(Ta=25
°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage
VIN
+14
V
200 (MTP5)
Power Dissipation
PD
350 (SOT-89)
mW
Operating
Temperature
Topr
−40
∼+85
°C
Storage Temperature Range
Tstg
−40
∼+125
°C
■ ELECTRICAL CHARACTERISTICS (V
IN=Vo+1V , CIN=0.1
µF, Co=1µF ( Vo≤2.6V: Co=2.2µF ) Ta=25°C )
PARAMETER
SYMBOL
CONDITION
MIN.
TYP. MAX. UNIT
Quiescent Current
IQ
Io=0mA
−
200
300
µA
Regulator Block
Output Voltage
Vo
Io=30mA
-2.2%
−
+2.2%
V
Output Current
Io
Vo-0.3V
150
200
−
mA
Line Regulation
∆Vo/∆VIN
VIN=Vo+1V
∼Vo+6V, Io=30mA
−
−
0.10%/V
Load Regulation
∆Vo/∆Io
Io=0
∼100mA
−
−
0.03
%/mA
Dropout Voltage
∆VI_O
Io=60mA
−
0.10
0.18V
Ripple Rejection
RR
Ein=200mVrms, f=1kHz, Io=10mA,Vo=3V
−
60
−
dB
Output
Voltage
Temperature Coefficient
∆Vo/∆T
Ta=0
∼85°C, Io=10mA
−
±50
−
ppm/
°C
Output Noise Voltage
VNO
f=10Hz
∼100kHz, Io=10mA, Vo=3V
−
45
−
µVrms
Reset Block
Voltage Detection
VRT
VIN=H→L
−2%
−
+2%
V
Hysteresis Voltage
VRTH
VIN=H→L→H
VRT
×3% VRT×5% VRT×8%
mV
Low
Level
Output
RORL
VIN=VRT-0.5V, RL=100kΩ
−
100
300
mV
Output Leak Current
IORH
VIN= VRT-0.5V
−
−
0.1
µA
On time Output Current
IORL
VIN=VRT-0.5V, RL=0Ω
5
−
−
mA
Reset
Output
Delay
td
VIN=(VRT-0.5V)→ (VRT+0.5V), Cd=0.1µF
9
10
11
mS
Operation Voltage Limit
VOPL
VORL=0.4V
−
0.9
−
V
The above specification is a common specification for all output voltages.
Therefore, it may be different from individual specification for a specific output voltage.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com