Electronic Components Datasheet Search
  English  ▼

X  

PE19XP5000 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE19XP5000
Description  Phase Locked Crystal Oscillators Technical Data
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE19XP5000 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE19XP5000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE19XP5000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE19XP5000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE19XP5000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE19XP5000 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE19XP5000 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE19XP5000 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Surface Mount (SMT) 50 MHz Phase Locked Crystal Oscillator, 10 MHz External Ref., Phase Noise -155 dBc/Hz, 0.9 inch
Package from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and
millimeter wave products maintain a 99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Surface Mount (SMT) 50 MHz Phase Locked Crystal Oscillator, 10 MHz External Ref., Phase
Noise -155 dBc/Hz, 0.9 inch Package PE19XP5000
URL: https://www.pasternack.com/surface-mount-smt-50-mhz-phase-locked-crystal-oscillator-external-pe19xp5000-p.aspx
PE19XP5000 REV 1.1
Phase Locked Crystal Oscillators Technical Data
PE19XP5000
Surface Mount (SMT) 50 MHz Phase Locked
Crystal Oscillator, 10 MHz External Ref., Phase
Noise -155 dBc/Hz, 0.9 inch Package



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com