Electronic Components Datasheet Search
  English  ▼

X  

LC72717PW Datasheet(PDF) 3 Page - ON Semiconductor

Part # LC72717PW
Description  Mobile FM Multiplex Broadcast Receiver IC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC72717PW Datasheet(HTML) 3 Page - ON Semiconductor

  LC72717PW Datasheet HTML 1Page - ON Semiconductor LC72717PW Datasheet HTML 2Page - ON Semiconductor LC72717PW Datasheet HTML 3Page - ON Semiconductor LC72717PW Datasheet HTML 4Page - ON Semiconductor LC72717PW Datasheet HTML 5Page - ON Semiconductor LC72717PW Datasheet HTML 6Page - ON Semiconductor LC72717PW Datasheet HTML 7Page - ON Semiconductor LC72717PW Datasheet HTML 8Page - ON Semiconductor LC72717PW Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
LC72717PW
www.onsemi.com
3
Electrical Characteristics at Ta = 40C to +85C, VDD = 2.7 V to 3.6 V, VSS = 0 V
Parameter
Symbol
Pin Name
Type
Conditions
Ratings
unit
min
typ
max
Input high-level
current
IIH1
A0/CL, A1/CE, A2/DI, RST,
STNBY
Schmitt
1.0
A
IIH2
IOCNT1, IOCNT2, DACK
D0, D1, D2, D3, D4, D5, D6,
D7, WR, RD, A3, CS
Schmitt
1.0
A
IIH3
SP, BUSWD, TIN, TPC1,
TPC2, TOSEL1, TOSEL2
1.0
A
Input low-level
current
IIL1
A0/CL, A1/CE, A2/DI, RST,
STNBY
Schmitt
1.0
A
IIL2
IOCNT1, IOCNT2, DACK
D0, D1, D2, D3, D4, D5, D6,
D7, WR, RD, A3, CS
Schmitt
1.0
A
IIL3
SP, BUSWD, TIN, TPC1,
TPC2, TOSEL1, TOSEL2
1.0
A
Output high-level
voltage
VOH1
CLK16, DATA, FLOCK,
BLOCK, FCK, BCK, CRC4
CMOS
IOH =
1 mA
VDD0.4
V
VOH2
DREQ, RDY, D0, D1, D2, D3,
D4, D5, D6, D7, D8, D9, D10,
D11, D12, D13, D14, D15, INT
CMOS
IOH =
2 mA
VDD0.4
V
Output low-level
voltage
VOL1
CLK16, DATA, FLOCK,
BLOCK, FCK, BCK, CRC4
CMOS
IOL =
1 mA
0.4
V
VOL2
DREQ, RDY, D0, D1, D2, D3,
D4, D5, D6, D7, D8, D9, D10,
D11, D12, D13, D14, D15, INT
CMOS
IOL =
2 mA
0.4
V
VOL3
DO
Nch-
Open
Drain
IOL =
2 mA
0.4
V
Output leakage
current
IOFF
DO
VO = VDD
1.0
A
Hysteresis voltage
VHYS
A0/CL, A1/CE, A2/DI, RST,
STNBY, IOCNT1, IOCNT2,
DACK, D0, D1, D2, D3, D4,
D5, D6, D7, WR, RD, A3, CS
0.1VDD
V
Internal feedback
resistance
RF
XIN, XOUT
1.0
MΩ
Current drain
IDD
6
12
mA
Bandpass Filter Characteristics at Ta = 25C, VDD = 2.7 V to 3.6 V, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
unit
min
typ
max
Input resistance
RMPX
50
k
Reference supply voltage output
VREF
Vref, Vdda = 3 V
1.5
V
BPF center frequency
FC
FLOUT
76.0
kHz
3 dB band width
FBW
FLOUT
19.0
kHz
Group-delay in band width
DGD
FLOUT
7.5
s
Gain
Gain
FLOUT-MPXIN, f = 76 kHz
20
dB
Attenuation characteristic
ATT1
FLOUT, f = 50 kHz
25
dB
ATT2
FLOUT, f = 100 kHz
15
dB
ATT3
FLOUT, f = 30 kHz
50
dB
ATT4
FLOUT, f = 150 kHz
50
dB
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com